Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1374 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 25Page - Diodes Incorporated ZXLD1374 Datasheet HTML 26Page - Diodes Incorporated ZXLD1374 Datasheet HTML 27Page - Diodes Incorporated ZXLD1374 Datasheet HTML 28Page - Diodes Incorporated ZXLD1374 Datasheet HTML 29Page - Diodes Incorporated ZXLD1374 Datasheet HTML 30Page - Diodes Incorporated ZXLD1374 Datasheet HTML 31Page - Diodes Incorporated ZXLD1374 Datasheet HTML 32Page - Diodes Incorporated ZXLD1374 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ZXLD1374
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
LED DRIVER CONVERTER WITH AEC-Q100
ZXLD1374
Document number: DS35032 Rev. 2 - 2
29 of 37
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
VR EF
0V
0A
Normal
Operations
SEVERITY
4.5V
3.6V
2.7V
1.8V
0.9V
VAUX
UVLO
-VI N UVLO
-STALL
-OU T of REG
ZXLD1374
Switch OV
Over
Temperature
Over
Current
01
2
3
4
5
Fig 48. Status levels
In the event of more than one fault/warning condition occurring, the higher severity condition will take precedence. E.g.
‘Excessive coil current’ and ‘Out of regulation’ occurring together will produce an output of 0.9V on the STATUS pin.
If VADJ>1.7V, VSENSE may be greater than the excess coil current threshold in normal operation and an error will be
reported. Hence, STATUS and FLAG are only guaranteed for VADJ<=VREF.
Diagnostic signals should be ignored during the device start – up for 100
μs. The device start up sequence will be initiated
both during the first power on of the device or after the PWM signal is kept low for more than 15ms, initiating the standby
state of the device.
In particular, during the first 100
μs the diagnostic is signaling an over-current then an out-of-regulation status. These two
events are due to the charging of the inductor and are not true fault conditions.
Over-
current
Out of
regulation
V
REF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
120
140
160
180
200
time (µs)
Over-
current
Out of
regulation
V
REF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
120
140
160
180
200
time (µs)
Figure 49. Diagnostic during Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com