Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1109 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCT1109
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1109 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCT1109 Datasheet HTML 1Page - Diodes Incorporated ZXCT1109 Datasheet HTML 2Page - Diodes Incorporated ZXCT1109 Datasheet HTML 3Page - Diodes Incorporated ZXCT1109 Datasheet HTML 4Page - Diodes Incorporated ZXCT1109 Datasheet HTML 5Page - Diodes Incorporated ZXCT1109 Datasheet HTML 6Page - Diodes Incorporated ZXCT1109 Datasheet HTML 7Page - Diodes Incorporated ZXCT1109 Datasheet HTML 8Page - Diodes Incorporated ZXCT1109 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
4 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (TA = 25°C, VS+ = 20V, VSENSE
5 = 100mV, RGAIN = 0 unless otherwise stated) (cont.)
ZXCT1110
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Units
IQ
GND pin current
VSENSE
5 = 0V
25°C
3
5
µA
-40°C
2.2
125°C
5.8
IS-
S- input current
25°C
19
100
nA
-40°C
16
125°C
35
CMSR
Common-Mode Sense rejection
VS+ = 2.5V to 36V
25°C
0.1
0.4
µA/V
-40°C
0.13
125°C
0.05
IOO
Output Offset current
6,7
VSENSE
5 = 10mV
25°C
0
±4
µA
-40°C
-1.8
125°C
+2.5
GT
Transconductance
VSENSE
5 = 10mV to
150mV
25°C
3.928
4
4.072
mA/V
-40°C
3.9
125°C
4.08
GE
Transconductance error
VSENSE
5 = 10mV to
150mV
25°C
-1.8
1.8
%
IOUT GT-TC
Transconductance temp.co
25°C
265
ppm/ºC
VOUTH
Output relative to VS-
25°C
-1
-0.78
V
-40°C
-0.88
125°C
-0.63
BW
-3dB Small Signal Bandwidth
VSENSE
5
(AC) =
10mVPP, RGAIN =
2.5k
Ω
25°C
0.65
MHz
Notes.
5. VSENSE = “VSENSE+” – “VSENSE-“
6. Output current characteristic measured with low impedance ammeter connected to GND
7. Defined as difference between actual output current and 40µA; measured at VSENSE =10mV. This will include an error due to bias
currents of the device.
8. For VSENSE > 10mV, the internal voltage-current converter is fully linear. This enables a true offset to be defined and used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com