Electronic Components Datasheet Search
  English  ▼

X  

HMC463LP5 Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC463LP5
Description  ACTIVE BIAS CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463LP5 Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC463LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 12Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 13Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 14Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 15Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 16Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 13
13
HMC981
v00.0611
ACTIVE BIAS CONTROLLER
The gate control of the HMC981 is designed to both sink and source current in to the gate of the targeted amplifier (at
least ±0.8 mA). This unique feature is important to achieve nearly constant quiescent bias through the amplifier under
varying gate current at different input power values.
The bias current passing through the external amplifier can be adjusted with RSENSE, where RSENSE is the R10
connected from ISENSE to GND. Use the relation given in equation (2) to set the desired bias current through the
external amplifier.
IDRAIN=32/Rsense (A)
(2)
Self Protection Feature
Due to the small resistance of the internal switch FET a large amount of current may flow through the HMC981.
HMC981 limits the maximum current to protect itself under such fault conditions, by turnung of VDRAIN and VGATE.
The HMC981 will remain in this protection mode until a full power-cycle or enable/disable cycle is applied.
VNEG Fault Detection Feature
In depletion mode operation VNEG is continuously monitored against short circuit fault to GND. If VNEG rises above
a preset value (typically -1V) the system and the external amplifier are disabled by pulling VDRAIN and VG2 to GND
and VGATE to VNEG. The system will stay in this stand-by mode until short fault at VNEG is fixed.
Power-up and Enable Sequencing
To ensure the protection of the external amplifier, the HMC981 provides a power-up sequence for enabling active bias
control loop. During start-up VDRAIN and VG2 are kept at GND while VGATE is taken to the most negative supply
available (VGATE=VNEG). This ensures that external amplifier is completely pinched-off before VDRAIN is applied.
When EN signal is received, VDRAIN is applied and the active bias loop is enabled. After the VDRAIN is applied, VG2
is generated. The final phase of the power-up sequence is completed by increasing the VGATE linearly until the set
IDRAIN value is achieved.
For power-down and disabling the same sequencing is applied in the reverse order.
Daisy-Chain Operation
HMC981 produces a trigger out signal (TRIGOUT pad#13) when VDRAIN output is enabled. This trigger signal can
be used to enable additional HMC981 chips in a chain of amplifiers. The triggering sequence can be routed in any
way, from input to output, or from output to input depending on the use. Figure-1 presents a sample use of three
HMC981s in an amplification chain. Please note that, only one of the HMC981 is used to generate the negative
voltage and the remaining HMC981 is set to receive external negative voltage (which is provided from the master
HMC981). Generating negative voltage from a single HMC981 reduces the number of the components in the system,
and decreases the over all current consumption..
Please note that, to ensure proper start-up, the system enable signal should be applied to the chip that has the
negative voltage generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com