Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G97 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G97
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G97 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G97 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G97
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G97
Document number: DS35127 Rev. 3 - 2
1 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Description
The 74LVC1G97 is a single 3-input positive configurable
multiple function gate with a standard push-pull output. The
output state is determined by eight patterns of 3-bit input.
The user can chose the logic functions MUX, AND, OR,
NAND, NOR, inverter or non-inverting buffer. All inputs can
be connected to ground or Vcc as required. The device is
designed for operation with a power supply range of 1.65V to
5.5V. The inputs are tolerant to 5.5V allowing this device to
be used in a mixed voltage environment. The device is fully
specified for partial power down applications using IOFF.
The IOFF circuitry disables the output preventing damaging
current backflow when the device is powered down.
The
user is reminded that the device can simulate several types
of logic gates but may respond differently due to the Schmitt
action at the inputs.
Pin Assignments
2
4
5
6
3
1
(Top View)
DFN1410
GND
Vcc
Y
(Top View)
DFN1010
GND
Vcc
Y
1
2
34
5
6
Y
4
3
2
1
SOT26
(Top View)
GND
Y
SOT363
(Top View)
GND
4
3
2
1
6
Vcc
5
6
Vcc
5
In1
In0
In2
In1
In1
In1
In0
In0
In0
In 2
In 2
In2
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Exceeds JESD 22
o
200-V Machine Model (A115-A)
o
2000-V Human Body Model (A114-A)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
SOT26, SOT363, DFN1410, and DFN1010: Available in
“Green” Molding Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G97 DIODES-74LVC1G97 Datasheet
292Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35127 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
74LVC1G97-Q100 NEXPERIA-74LVC1G97-Q100 Datasheet
226Kb / 14P
Low-power configurable multiple function gate
Rev. 2 - 24 January 2022
logo
Diodes Incorporated
74LVC1G97DW DIODES-74LVC1G97DW Datasheet
292Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35127 Rev. 1 - 2
74LVC1G97FW4 DIODES-74LVC1G97FW4 Datasheet
292Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35127 Rev. 1 - 2
More results

Similar Description - 74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com