Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G14 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC2G14
Description  DUAL SCHMITT TRIGGER INVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G14 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC2G14 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC2G14
DUAL SCHMITT TRIGGER INVERTER
74LVC2G14
Document number: DS35163 Rev. 3 - 2
1 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Description
The 74LVC2G14 is a dual Schmitt trigger inverter gate with
standard push-pull outputs. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
A
Y
=
Pin Assignments
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
±24mA Output Drive at 3.0V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Tested per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
SOT26, SOT363, and DFN1010 Available in “Green”
Molding Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
1A
2A
2Y
1Y
(Top View)
6
4
3
2
1
GND
V
CC
5
1A
2A
GND
SOT26/SOT363
DFN1010
2Y
1Y
V
CC
1
3
2
6
4
5
(Top View)


Similar Part No. - 74LVC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
logo
TECH PUBLIC Electronics...
74LVC2G14 TECHPUBLIC-74LVC2G14 Datasheet
2Mb / 7P
Dual Schmitt-Trigger Inverter With 5V Tolerant Input
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
Dual inverting Schmitt trigger with 5 V tolerant input
More results

Similar Description - 74LVC2G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com