Electronic Components Datasheet Search
  English  ▼

X  

AP2401 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2401
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2401 Datasheet HTML 1Page - Diodes Incorporated AP2401 Datasheet HTML 2Page - Diodes Incorporated AP2401 Datasheet HTML 3Page - Diodes Incorporated AP2401 Datasheet HTML 4Page - Diodes Incorporated AP2401 Datasheet HTML 5Page - Diodes Incorporated AP2401 Datasheet HTML 6Page - Diodes Incorporated AP2401 Datasheet HTML 7Page - Diodes Incorporated AP2401 Datasheet HTML 8Page - Diodes Incorporated AP2401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP2401/AP2411
2.0A SINGLE CHANNEL CURRENT-LIMITED
POWER SWITCH WITH LATCH-OFF
AP2401/AP2411
Document number: DS35113 Rev. 3 - 2
1 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Description
The AP2401 and AP2411 are single channel current-limited
integrated high-side power switches optimized for Universal
Serial Bus (USB) and other hot-swap applications. The family
of devices complies with USB standards and is available with
both polarities of Enable input.
The devices have fast short-circuit response time for
improved overall system robustness, and have integrated
output discharge function to ensure completely controlled
discharging of the output voltage capacitor. They provide a
complete protection solution for applications subject to heavy
capacitive loads and the prospect of short circuit, and offer
reverse current blocking, over-current, over-temperature and
short-circuit protection, as well as controlled rise time and
under-voltage lockout functionality. A 7ms deglitch capability
on the open-drain Flag output prevents false over-current
reporting and does not require any external components.
AP2401 and AP2411 will be latched off after 7ms deglitch.
All
devices
are
available
in
SO-8,
MSOP-8EP
and
DFN3030-8 packages.
Features
•
Single channel current-limited power switch
•
Output discharge function
•
Output current latch-off when OCP triggered
•
Fast short-circuit response time: 2µs
•
2.5A accurate current limiting
•
Reverse current blocking
•
70m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
Built-in soft-start with 0.6ms typical rise time
•
Over-current and thermal protection
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 4KV HBM, 300V MM
•
Active low (AP2401) or active high (AP2411) enable
•
Ambient temperature range: -40ºC to 85°C
•
SO-8, MSOP-8EP and DFN3030-8: Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375 (Pending)
•
IEC60950-1 CB Scheme Certified
Pin Assignments
Applications
•
LCD TVs & Monitors
•
Set-Top-Boxes, Residential Gateways
•
Laptops, Desktops, Servers, e-Readers
•
Printers, Docking Stations, HUBs
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS Exemptions Applied. See EU Directive 2002/95/EC Annex Notes.
(Top View)
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
SO-8
1
2
3
4
8
7
6
5
OUT
FLG
OUT
GND
EN
IN
IN
NC
MSOP-8EP
(Top View)
EN
GND
NC
1
2
IN
3
4
6
5
8
7
FLG
IN
OUT
OUT
DFN3030-8
(Top View)


Similar Part No. - AP2401

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
829Kb / 22P
DUAL LDO REGULATORS
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401AFGE-13 DIODES-AP2401AFGE-13 Datasheet
494Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results

Similar Description - AP2401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com