Electronic Components Datasheet Search
  English  ▼

X  

AP7335A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7335A
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7335A Datasheet HTML 1Page - Diodes Incorporated AP7335A Datasheet HTML 2Page - Diodes Incorporated AP7335A Datasheet HTML 3Page - Diodes Incorporated AP7335A Datasheet HTML 4Page - Diodes Incorporated AP7335A Datasheet HTML 5Page - Diodes Incorporated AP7335A Datasheet HTML 6Page - Diodes Incorporated AP7335A Datasheet HTML 7Page - Diodes Incorporated AP7335A Datasheet HTML 8Page - Diodes Incorporated AP7335A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP7335A
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7335A
Document number: DS35267 Rev. 2 - 2
2 of 12
www.diodes.com
July 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin Number
Description
SOT25
(fixed)
DFN2020-6
(fixed)
IN
1
3
Voltage input pin. Bypass to ground through at least 1µF MLCC capacitor
GND
2
2
Ground
EN
3
1
Enable input, active high
ADJ
-
-
Output feedback pin
NC
4
5, 6
No connection
OUT
5
4
Voltage output pin. Bypass to ground through 1µF MLCC capacitor
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Fixed Version
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com