Electronic Components Datasheet Search
  English  ▼

X  

BCP51 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCP51
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP51 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCP51 Datasheet HTML 1Page - Diodes Incorporated BCP51 Datasheet HTML 2Page - Diodes Incorporated BCP51 Datasheet HTML 3Page - Diodes Incorporated BCP51 Datasheet HTML 4Page - Diodes Incorporated BCP51 Datasheet HTML 5Page - Diodes Incorporated BCP51 Datasheet HTML 6Page - Diodes Incorporated BCP51 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 51 / 52 / 53
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Features
•
IC = -1A Continuous Collector Current
•
Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
•
Gain groups 10 and 16
•
Epitaxial Planar Die Construction
•
Complementary NPN types: BCP54, 55 and 56
•
Lead-Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. “Green” Devices (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT223
•
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.112 grams (Approximate)
Applications
•
Medium Power Switching or Amplification Applications
•
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCP51TA
BCP 51
7
12
1,000
BCP5110TA
BCP 5110
7
12
1,000
BCP5116TA
BCP 5116
7
12
1,000
BCP5116TC
BCP 5116
13
12
4,000
BCP52TA
BCP 52
7
12
1,000
BCP5210TA
BCP 5210
7
12
1,000
BCP5216TA
BCP 5216
7
12
1,000
BCP53TA
BCP 53
7
12
1,000
BCP5310TA
BCP 5310
7
12
1,000
BCP5316TA
BCP 5316
7
12
1,000
BCP5316TC
BCP 5316
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
BCP = Product Type Marking Code, Line 1.
xxxx = Product Type Marking Code, Line 2 as follows:
BCP51
= 51
BCP52
= 52
BCP53
= 53
BCP5110 = 5110
BCP5210 = 5210
BCP5310 = 5310
BCP5116 = 5116
BCP5216 = 5216
BCP5316 = 5316
Top View
Device Symbol
SOT223
C
E
B
Top View
Pin-Out
C
C
B
E
xxxx
BCP


Similar Part No. - BCP51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP51 SIEMENS-BCP51 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP51 DIOTEC-BCP51 Datasheet
234Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCP51 FAIRCHILD-BCP51 Datasheet
40Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - BCP51

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com