Electronic Components Datasheet Search
  English  ▼

X  

BCP54TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCP54TA
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP54TA Datasheet(HTML) 1 Page - Diodes Incorporated

  BCP54TA Datasheet HTML 1Page - Diodes Incorporated BCP54TA Datasheet HTML 2Page - Diodes Incorporated BCP54TA Datasheet HTML 3Page - Diodes Incorporated BCP54TA Datasheet HTML 4Page - Diodes Incorporated BCP54TA Datasheet HTML 5Page - Diodes Incorporated BCP54TA Datasheet HTML 6Page - Diodes Incorporated BCP54TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 54 / 55 / 56
Datasheet Number: DS35367 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 54 / 55 / 56
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Features
•
IC = 1A Continuous Collector Current
•
Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
•
Gain groups 10 and 16
•
Epitaxial Planar Die Construction
•
Complementary PNP types: BCP51, 52 and 53
•
Lead-Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. “Green” Devices (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT223
•
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.112 grams (Approximate)
Applications
•
Medium Power Switching or Amplification Applications
•
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCP54TA
BCP 54
7
12
1,000
BCP5410TA
BCP 5410
7
12
1,000
BCP5416TA
BCP 5416
7
12
1,000
BCP55TA
BCP 55
7
12
1,000
BCP5510TA
BCP 5510
7
12
1,000
BCP5516TA
BCP 5516
7
12
1,000
BCP56TA
BCP 56
7
12
1,000
BCP5610TA
BCP 5610
7
12
1,000
BCP5616TA
BCP 5616
7
12
1,000
BCP5616TC
BCP 5616
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
C
E
B
BCP = Product Type Marking Code, Line 1.
XXXX = Product Type Marking Code, Line 2 as follows:
BCP54
= 54
BCP55
= 55
BCP56
= 56
BCP5410 = 5410
BCP5510 = 5510
BCP5610 = 5610
BCP5416 = 5416
BCP5516 = 5516
BCP5616 = 5616
Top View
Device Symbol
SOT223
Top View
Pin-Out
C
C
B
E
xxxx
BCP


Similar Part No. - BCP54TA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP54T NEXPERIA-BCP54T Datasheet
273Kb / 14P
45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BCP54T NEXPERIA-BCP54T Datasheet
274Kb / 14P
45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCP54T/-10T/-16T NEXPERIA-BCP54T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
BCP54T/-10T/-16T NEXPERIA-BCP54T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
More results

Similar Description - BCP54TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com