Electronic Components Datasheet Search
  English  ▼

X  

BCX55TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCX55TA
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX55TA Datasheet(HTML) 2 Page - Diodes Incorporated

  BCX55TA Datasheet HTML 1Page - Diodes Incorporated BCX55TA Datasheet HTML 2Page - Diodes Incorporated BCX55TA Datasheet HTML 3Page - Diodes Incorporated BCX55TA Datasheet HTML 4Page - Diodes Incorporated BCX55TA Datasheet HTML 5Page - Diodes Incorporated BCX55TA Datasheet HTML 6Page - Diodes Incorporated BCX55TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCX 54 / 55 / 56
Datasheet Number: DS35369 Rev. 2 – 2
2 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 54 / 55 / 56
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
BCX54
BCX55
BCX56
Unit
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Peak Pulse Collector Current
ICM
1.5
Continuous Base Current
IB
100
mA
Peak Pulse Base Current
IBM
200
Thermal Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
124
°C/W
Thermal Resistance, Junction to Leads (Note 5)
RθJL
10.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
4. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
5. Thermal resistance from junction to solder-point (on the exposed collector pad).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com