Electronic Components Datasheet Search
  English  ▼

X  

DS3232S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3232S
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232S Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3232S Datasheet HTML 1Page - Maxim Integrated Products DS3232S Datasheet HTML 2Page - Maxim Integrated Products DS3232S Datasheet HTML 3Page - Maxim Integrated Products DS3232S Datasheet HTML 4Page - Maxim Integrated Products DS3232S Datasheet HTML 5Page - Maxim Integrated Products DS3232S Datasheet HTML 6Page - Maxim Integrated Products DS3232S Datasheet HTML 7Page - Maxim Integrated Products DS3232S Datasheet HTML 8Page - Maxim Integrated Products DS3232S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.3V to 5.5V, VCC = active supply (see Table 1), TA = -40°C to +85°C, unless otherwise noted.) (Typical values are at VCC =
3.3V, VBAT = 3.0V, and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 0 Output, INT/SQW, SDA
VOL
IOL = 3mA
0.4
V
Logic 0 Output, RST, 32kHz
VOL
IOL = 1mA
0.4
V
Output Leakage Current 32kHz,
INT/SQW, SDA
ILO
Output high impedance
-1
0
+1
µA
Input Leakage SCL
ILI
-1
+1
µA
RST Pin I/O Leakage
IOL
RST high impedance (Note 6)
-200
+10
µA
TCXO
Output Frequency
fOUT
VCC = 3.3V or VBAT = 3.3V
32.768
kHz
Duty Cycle
(Revision A3 Devices)
2.97V ≤ VCC < 3.63
31
69
%
0°C to +40°C
-2
+2
Frequency Stability vs.
Temperature
Δf/fOUT
VCC = 3.3V or
VBAT = 3.3V
-40°C to 0°C and
+40°C to +85°C
-3.5
+3.5
ppm
Frequency Stability vs. Voltage
Δf/V
VCC = 3.3V or VBAT = 3.3V
1
ppm/V
-40°C
0.7
+25°C
0.1
+70°C
0.4
Trim Register Frequency
Sensitivity per LSB
Δf/LSB
Specified at:
+85°C
0.8
ppm
Temperature Accuracy
Temp
VCC = 3.3V or VBAT = 3.3V
-3
+3
°C
First year
±1.0
Crystal Aging
Δf/f0
After reflow,
not production tested
0–10 years
±5.0
ppm
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.3V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT = 3.3V
80
Active Battery Current
(Note 5)
IBATA
EOSC = 0, BBSQW = 0,
SCL = 400kHz, BB32kHz = 0
VBAT = 5.5V
200
µA
VBAT = 3.4V
1.5
2.5
Timekeeping Battery Current
(Note 5)
IBATT
EOSC = 0, BBSQW = 0,
SCL = SDA = 0V,
BB32kHz = 0,
CRATE0 = CRATE1 = 0
VBAT = 5.5V
1.5
3.0
µA
Temperature Conversion Current
IBATTC
EOSC = 0, BBSQW = 0, SCL = SDA = 0V
600
µA
Data-Retention Current
IBATTDR
EOSC = 1, SCL = SDA = 0V, +25°C
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com