Electronic Components Datasheet Search
  English  ▼

X  

AR1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AR1PD
Description  Surface Mount Fast Avalanche Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  AR1PD Datasheet HTML 1Page - Vishay Siliconix AR1PD Datasheet HTML 2Page - Vishay Siliconix AR1PD Datasheet HTML 3Page - Vishay Siliconix AR1PD Datasheet HTML 4Page - Vishay Siliconix AR1PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89289
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Fast Avalanche Rectifiers
AR1PD thru AR1PM
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters,
converters,
and
freewheeling
diodes
for
consumer, automotive, and telecommunication.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Fast switching for high efficiency
• Low reverse current
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
200 V to 1000 V
IFSM
30 A, 25 A
trr
140 ns, 120 ns
IR
1 μA
EAS
20 mJ
TJ max.
175 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AR1PD
AR1PG
AR1PJ
AR1PK
AR1PM
UNIT
Device marking code
ARD
ARG
ARJ
ARK
ARM
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Average forward current
IF(AV)
1.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
30
25
A
Non-repetitive avalanche energy
at IAS = 1.0 A, TA = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AR1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR1PD VISHAY-AR1PD Datasheet
105Kb / 5P
Surface Mount Fast Avalanche Rectifiers
21-Feb-2020
AR1PD VISHAY-AR1PD_V01 Datasheet
105Kb / 5P
Surface Mount Fast Avalanche Rectifiers
21-Feb-2020
More results

Similar Description - AR1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR3PK VISHAY-AR3PK Datasheet
92Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR4PD VISHAY-AR4PD Datasheet
92Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
18-May-11
AR3PD VISHAY-AR3PD_12 Datasheet
94Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR4PK VISHAY-AR4PK_12 Datasheet
93Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR3PK VISHAY-AR3PK_15 Datasheet
90Kb / 6P
Fast Switching Avalanche Surface Mount Rectifiers
21-Aug-13
AR1FD VISHAY-AR1FD Datasheet
114Kb / 5P
Surface-Mount Fast Avalanche Rectifiers
17-Sep-2020
AR1PD VISHAY-AR1PD_V01 Datasheet
105Kb / 5P
Surface Mount Fast Avalanche Rectifiers
21-Feb-2020
AR3PD VISHAY-AR3PD_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
AR4PD VISHAY-AR4PD_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
AR4PK VISHAY-AR4PK_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com