Electronic Components Datasheet Search
  English  ▼

X  

AS1PK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AS1PK
Description  Standard Avalanche Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS1PK Datasheet(HTML) 3 Page - Vishay Siliconix

  AS1PK Datasheet HTML 1Page - Vishay Siliconix AS1PK Datasheet HTML 2Page - Vishay Siliconix AS1PK Datasheet HTML 3Page - Vishay Siliconix AS1PK Datasheet HTML 4Page - Vishay Siliconix AS1PK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89290
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AS1PD thru AS1PM
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
1.6
95
105
115
125
135
145
155
175
TM - Mount Temperature (°C)
0.8
1.0
0.2
0.4
0.6
165
Resistive or Inductive Load
1.4
1.2
T
M Measured
at the Cathode Band Terminal
1.8
1.0
0.8
0.6
0.4
0.2
0
1.8
1.0
0.8
0.6
0.4
0.2
0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
1.6
1.4
1.2
1.6
1.4
1.2
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
1
10
0.1
1.4
T
A = 125 °C
T
A = 25 °C
T
A = 75 °C
T
A = 175 °C
1.2
1.1
1.0
0.9
0.8
1.3
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
0.1
1
10
1000
10
30
50
70
90
0.01
T
A = 125 °C
T
A = 25 °C
T
A = 75 °C
T
A = 175 °C
100
Reverse Voltage (V)
0.1
10
1
100
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
10
1
100
1
10
100
0.1
1000
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com