Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (-32V,-1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 1 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.04 - Rev.D
Medium Power Transistor (
32V,1A)
2SA1515S / 2SB1237
Features
Dimensions (Unit : mm)
1) Low VCE(sat).
VCE(sat) =
0.2V(Typ.)
(IC / IB =
500mA / 50mA)
2) Compliments 2SD1858
Structure
Epitaxial planar type
PNP silicon transistor
Absolute maximum ratings (Ta=25
C)
∗1 Single pulse, Pw=100ms
∗2 Printed circuit board, 1.7 mm thick, collector copper plating 100mm2or larger.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
−40
V
V
V
A(DC)
W
−32
−5
−1
IC
A(Pulse)
−2
0.3
1
∗1
∗2
2SA1515S
2SB1237
150
−55 to +150
Symbol
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
C
C
Electrical characteristics (Ta=25
C)
Transition frequency
Output capacitance
DC current transfer ratio
VCE
=
−3V, IC= −0.1A
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−40
−32
−5
−
−
120
−
−
−
−
−
−
−
−
−
−0.2
150
20
−
−
−
−0.5
−0.5
390
−0.5
∗
∗
−
30
VIC
=
−50μA
IC
=
−1mA
IE
=
−50μA
VCB
=
−20V
VEB
=
−4V
IC/IB
=
−500mA/−50mA
VCE
=
−5V, IE=50mA, f=30MHz
VCB
=
−10V, IE=0A, f=1MHz
V
V
μA
μA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
∗ Measured using pulse current.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
2SB1237
(1) Emitter
(2) Collector
(3) Base
ROHM :
ATV
6.8 0.2
2.5 0.2
1.05
0.45 0.1
2.54 2.54
0.5 0.1
(1)
(2)
(3)
0.65Max.
+−
+−
+−
+−
4 0.2
0.45
5
(1) (2) (3)
+0.15
−0.05
2.5 +0.4
−0.1
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
2SA1515S
+−
2 0.2
0.45
0.5
−0.05
+0.15
+−


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
128Kb / 4P
Medium Power Transistor
2SB1237 ROHM-2SB1237 Datasheet
142Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB1237 ROHM-2SB1237 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1237 FOSHAN-2SB1237 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Rohm
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
Medium Power Transistor (-32V,??1A)
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
Medium Power Transistor(32V,1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com