Electronic Components Datasheet Search
  English  ▼

X  

2SAR533D Datasheet(PDF) 1 Page - Rohm

Part # 2SAR533D
Description  Midium Power Transistors (-50V / -3A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR533D Datasheet(HTML) 1 Page - Rohm

  2SAR533D Datasheet HTML 1Page - Rohm 2SAR533D Datasheet HTML 2Page - Rohm 2SAR533D Datasheet HTML 3Page - Rohm 2SAR533D Datasheet HTML 4Page - Rohm 2SAR533D Datasheet HTML 5Page - Rohm 2SAR533D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (
50V / 3A)
2SAR533D
Features
Dimensions (Unit : mm)
1) Low saturation voltage, typically
VCE (sat) = -0.4V (Max.) (IC / IB= -1A / -50mA)
2) High speed switching
Structure
PNP Silicon epitaxial planar transistor
Inner circuit
Applications
Driver
Package
CPT3
Code
TL
Basic ordering unit (pieces)
2500
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-6
V
DC
IC
-3
A
Pulsed
ICP
-6
A
PD
1W
PD
10
W
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Mounted on a substrate.
*3 Tc=25℃
Parameter
Collector current
Power dissipation
Packaging specifications
Type
(1)
(2)
(3)
*1
*2
*3
(1) Base
(2) Collector
(3) Emitter
CPT3
6.5
2.3
(2)
(3)
0.65
(1)
0.75
2.3
0.9
5.1
2.3
0.5
1.0
0.5
(1) Base
(2) Collector
(3) Emitter
(1)
(2)
(3)
1/5
2010.07 - Rev.A


Similar Part No. - 2SAR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533D ROHM-2SAR533D Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
More results

Similar Description - 2SAR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
Midium Power Transistors (-50V/-3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
Midium Power Transistors (50V / 3A)
2SCR543R ROHM-2SCR543R Datasheet
439Kb / 6P
Midium Power Transistors (50V / 3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
Midium Power Transistors (50V / 3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
Midium Power Transistors (50V / 3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com