Electronic Components Datasheet Search
  English  ▼

X  

2SC5826 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5826
Description  Power transistor (60V, 3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5826 Datasheet(HTML) 1 Page - Rohm

  2SC5826 Datasheet HTML 1Page - Rohm 2SC5826 Datasheet HTML 2Page - Rohm 2SC5826 Datasheet HTML 3Page - Rohm 2SC5826 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Power transistor (60V, 3A)
2SC5826
Features
Dimensions (Unit : mm)
1) High speed switching.
(tf : Typ. : 30ns at IC = 3A)
2) Low saturation voltage, typically
(Typ. : 200mV at IC = 2A, IB = 0.2mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2073
Applications
Low frequency amplifier
High speed switching
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5826
Type
TV2
2500
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
C)
Parameter
V
V
V
A
A
W
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
tj
tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
60
60
6
3
6
1.0
150
−55 to 150
∗
∗Pw=100ms
Symbol : C5826
(1) Emitter
(2) Collector
(3) Base
ATV
Taping specifications


Similar Part No. - 2SC5826

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5826 ROHM-2SC5826 Datasheet
60Kb / 4P
Power transistor (60V, 3A)
logo
Inchange Semiconductor ...
2SC5826 ISC-2SC5826 Datasheet
271Kb / 2P
Silicon NPN Power Transistor
2SC5826-251 ISC-2SC5826-251 Datasheet
271Kb / 2P
Silicon NPN Power Transistor
logo
Rohm
2SC5826_REVB ROHM-2SC5826_REVB Datasheet
939Kb / 4P
High speed switching., Low saturation voltage, typically
More results

Similar Description - 2SC5826

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SA2071 ROHM-2SA2071 Datasheet
44Kb / 4P
Power transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_1 Datasheet
135Kb / 4P
Power transistor (60V, 3A)
2SB1370 ROHM-2SB1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
Power transistor (60V, 3A)
2SB1184 ROHM-2SB1184_10 Datasheet
172Kb / 4P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_2 Datasheet
95Kb / 4P
Power transistor (60V, 3A)
2SA2071P5 ROHM-2SA2071P5 Datasheet
1Mb / 10P
Power transistor (-60V, -3A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com