Electronic Components Datasheet Search
  English  ▼

X  

2SC5880 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5880
Description  Power transistor (60V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5880 Datasheet(HTML) 2 Page - Rohm

  2SC5880 Datasheet HTML 1Page - Rohm 2SC5880 Datasheet HTML 2Page - Rohm 2SC5880 Datasheet HTML 3Page - Rohm 2SC5880 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.C
Data Sheet
2SC5880
Electrical characteristics (Ta=25
C)
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Corrector output capacitance
Turn-on time
Storage time
Fall time
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE (sat)
hFE
fT
Cob
ton
tstg
tf
∗Non repetitive pulse
IC
=1mA
IC
=100μA
IE
=100μA
VCB
=40V
VEB
=4V
IC
=1.0A
IB
=0.1A
VCE
=2V
IC
=100mA
VCE
=10V
IE
= −100mA
f
=10MHz
VCB
=10V
IE
=0mA
f
=1MHz
∗
60
60
6
−
−
−
120
−
−
−
−
−
−
−
−
−
−
200
−
200
10
50
120
35
−
−
−
1.0
1.0
500
390
−
−
−
−
−
V
V
V
μA
μA
mV
−
MHz
pF
ns
ns
ns
IC
=2A
IB1
=200mA
IB2
= −200mA
VCC 25V
hFE RANK
Q
120
−270
R
180
−390
Electrical characteristic curves
01.5
1
0.5
0.01
0.1
1
10
VCE
=2V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.1 Grounded Emitter
Propagation Characteristics
Ta
=125°C
Ta
=25°C
Ta
= −40°C
0.001
0.01
0.1
1
10
1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.2 DC Current Gain vs.
Collector Current (
Ι)
Ta
=25°C
VCE
=5V
VCE
=3V
VCE
=2V
0.001
0.01
0.1
1
10
1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current (
ΙΙ)
Ta
=125°C
Ta
=25°C
Ta
= −40°C
VCE
=2V
0.001
10
1
0.1
0.01
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Ta
=25°C
IC / IB
=20 / 1
IC / IB
=10 / 1
Fig.4 Collector-Emitter Saturation
Voltage vs. Collector Current (
Ι)
0.001
10
1
0.1
0.01
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
IC / IB
=10 / 1
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current (
ΙΙ)
Ta
=125°C
Ta
=25°C
Ta
= −40°C
COLLECTOR CURRENT : IC (A)
0.001
10
1
0.1
0.01
0.01
0.1
1
10
IC / IB
=10 / 1
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.6 Base-Emitter Saturation
Voltage vs. Collecter Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com