Electronic Components Datasheet Search
  English  ▼

X  

2SCR523M Datasheet(PDF) 1 Page - Rohm

Part # 2SCR523M
Description  General purpose transistor(50V,0.1A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR523M Datasheet(HTML) 1 Page - Rohm

  2SCR523M Datasheet HTML 1Page - Rohm 2SCR523M Datasheet HTML 2Page - Rohm 2SCR523M Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.A
General purpose transistor(50V,0.1A)
2SCR523M / 2SCR523EB / 2SCR523UB
Structure
Dimensions (Unit : mm)
NPN silicon epitaxial planar transistor
Features
1) Complements the 2SAR523M / 2SAR523EB / 2SAR523UB.
Applications
Switch, LED driver
Packaging specifications
Packaging Type
Code
Taping
Basic ordering
unit (pieces)
T2L
8000
Taping
TL
3000
Taping
TL
3000
2SCR523M
2SCR523EB
2SCR523UB
Package
VMT3
EMT3F
UMT3F
Type
Absolute maximum ratings (Ta=25
C)
Inner circuit
Symbol
Limits
Unit
VCBO
50
V
50
V
V
VCEO
VEBO
5
mA
200
IC
ICP
mA
100
Tj
150
°C
Tstg
−55 to +150
°C
PD
200
150
mW
mW
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
Power dissipation
∗1 Pw=1mS Single pulse
∗2 Each terminal mounted on a recommended land
Parameter
2SCR523M,2SCR523EB
2SCR523UB
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
50
50
5
−
−
−
−
−
−
−
−
−
−
350
0.10
1.6
−
−
−
0.1
0.1
0.30
−
−
V
V
V
μA
μA
V
MHz
pF
IC
=50μA
IC
=1mA
IE
=50μA
VCB
=50V
VEB
=5V
IC
=50mA, IB=5mA
hFE
120
−
560
−
VCE
=10V, IE=−10mA, f=100MHz
VCE
=6V, IC=1mA
VCB
=10V, IE=0A, f=1MHz
Output capacitance
Transition frequency
Collector-emitter saturation voltage
Emitter cut-off current
Collector cut-off current
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
DC current gain
VMT3
EMT3F
(1)
(2)
(3)
UMT3F
2.0
0.32
0.65
0.65
1.3
(1)
(2)
(3)
0.9
0.13
Abbreviated symbol : NB
Abbreviated symbol : NB
Abbreviated symbol : NB
(1)
(3)
(2)
(1) Base
(2) Emitter
(3) Collector


Similar Part No. - 2SCR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR522EB ROHM-2SCR522EB Datasheet
172Kb / 3P
General purpose transistor(20V,0.2A)
2SCR522M ROHM-2SCR522M Datasheet
172Kb / 3P
General purpose transistor(20V,0.2A)
2SCR522UB ROHM-2SCR522UB Datasheet
172Kb / 3P
General purpose transistor(20V,0.2A)
More results

Similar Description - 2SCR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SA1037AK ROHM-2SA1037AK_09 Datasheet
174Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K_09 Datasheet
177Kb / 4P
General purpose transistor (50V, 0.15A)
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
General purpose transistor(-50V,-0.1A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC1740STPR ROHM-2SC1740STPR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4617TLR ROHM-2SC4617TLR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com