Electronic Components Datasheet Search
  English  ▼

X  

GL8ED5 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL8ED5
Description  1.9X3.9mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8ED5 Datasheet(HTML) 1 Page - Sharp Corporation

  GL8ED5 Datasheet HTML 1Page - Sharp Corporation GL8ED5 Datasheet HTML 2Page - Sharp Corporation GL8ED5 Datasheet HTML 3Page - Sharp Corporation GL8ED5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
76
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Dichromatic LED Lamp
GL8tt5 series
GL8tt5 series
s Outline Dimensions
4-R0.4
4-R0.4
4.9
4.7
3.9
2.9
2.7
1.9
0.5
0.5
2.54
NOM
2.54
NOM
1.0MAX
1.1MAX
(*3)
1
2
A
3
2.39
NOM
2.39
NOM
Pin connections
1
2
3
Anode
Cathode
Anode
HP
Yellow
Common
Red
EH
Yellow-green
Common
Yellow
ED
Yellow-green
Common
Red
Milky diffusion
Unspecified tolerance:
±0.2
GL8ED5
GL8EH5
GL8HP5
GaP
GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaAsP on GaP
84
84
84
50
35
84
30
30
30
20
15
30
50
50
50
50
50
50
DC
0.40
0.40
0.40
0.27
0.27
0.40
Pulse
0.67
0.67
0.67
0.67
0.67
0.67
5
5
5
5
5
5
260
260
260
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*2
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Yellow-green
Yellow-green
Yellow
Yellow
Red
Red
-25 to +85
-25 to +100
-25 to +85
-25 to +100
-25 to +85
-25 to +100
*1 The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*2 Duty ratio=1/10, Pulse width=0.1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL8ED5
GL8EH5
GL8HP5
TYP
2.1
2.1
2.0
1.9
1.9
MAX
2.8
2.8
2.8
2.5
2.3
565
565
585
585
695
20
20
20
10
10
10.0
15.0
13.0
3.0
1.5
20
20
20
10
10
30
30
35
30
100
20
20
20
10
10
10
10
10
10
10
4
4
4
4
4
35
35
30
35
55
1
1
1
1
1
→
→
→
→
→
2.0
2.8
635
20
6.5
20
35
20
10
4
20
1
→
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Milky
diffusion
Yellow-green
Yellow-green
Red
Red
Yellow
Yellow
s Electro-optical Characteristics
(Unit : mm)
1.9!3.9mm, Rectangle Type,
Milky Diffusion, Dichromatic LED
Lamps for Indicator


Similar Part No. - GL8ED5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL8ED5 ETC1-GL8ED5 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL8ED5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3ED8 SHARP-GL3ED8 Datasheet
194Kb / 3P
첩3mmT-1, Cylinder Type, Milky Diffusion, Dichromatic LED Lamp for Backlight/Indicator
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL5EP5 SHARP-GL5EP5 Datasheet
228Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL8HD23 SHARP-GL8HD23 Datasheet
95Kb / 4P
2.0X4.5mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8PR26 SHARP-GL8PR26 Datasheet
79Kb / 4P
2.0X5.0mm, Rectangle Type(Flangeless), Colored Diffusion LED Lamps for Indicator
GL8PR29 SHARP-GL8PR29 Datasheet
86Kb / 4P
2.0X3.2mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL9ED2 SHARP-GL9ED2 Datasheet
223Kb / 4P
2.0X5.0mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
logo
List of Unclassifed Man...
GL8KG26 ETC-GL8KG26 Datasheet
80Kb / 4P
2.055.0mm, Rectangle Type(Flangeless), Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com