Electronic Components Datasheet Search
  English  ▼

X  

ISLA112P50 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISLA112P50
Description  12-Bit, 500MSPS A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P50 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISLA112P50 Datasheet HTML 9Page - Intersil Corporation ISLA112P50 Datasheet HTML 10Page - Intersil Corporation ISLA112P50 Datasheet HTML 11Page - Intersil Corporation ISLA112P50 Datasheet HTML 12Page - Intersil Corporation ISLA112P50 Datasheet HTML 13Page - Intersil Corporation ISLA112P50 Datasheet HTML 14Page - Intersil Corporation ISLA112P50 Datasheet HTML 15Page - Intersil Corporation ISLA112P50 Datasheet HTML 16Page - Intersil Corporation ISLA112P50 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISLA112P50
13
FN7604.2
August 1, 2011
FIGURE 23. INPUT FREQUENCY SWEEP WITH I2E FROZEN, I2E
PREVIOUSLY CALIBRATED @ 330MHz
FIGURE 24. TEMPERATURE SWEEP WITH I2E FROZEN, I2E
PREVIOUSLY CALIBRATED
FIGURE 25. ANALOG SUPPLY VOLTAGE SWEEP WITH I2E FROZEN, I2E PREVIOUSLY CALIBRATED
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 500MSPS. (Continued)
60
62
64
66
68
70
72
74
76
78
80
250M
300M
350M
400M
450M
500M
FREQUENCY (Hz)
SFDR
SNR
60
65
70
75
80
85
-40
-20
0
204060
80
TEMPERATURE (°C)
SNR
SFDR
60
65
70
75
80
85
90
1.65
1.70
1.75
1.80
1.85
1.90
1.95
SUPPLY VOLTAGE (AVDD)
SNR
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com