Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 12 Page - Intersil Corporation

Part # X9241AMPI
Description  Quad Digital Controlled Potentionmeters (XDCP??
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPI Datasheet(HTML) 12 Page - Intersil Corporation

Back Button X9241AMPI Datasheet HTML 8Page - Intersil Corporation X9241AMPI Datasheet HTML 9Page - Intersil Corporation X9241AMPI Datasheet HTML 10Page - Intersil Corporation X9241AMPI Datasheet HTML 11Page - Intersil Corporation X9241AMPI Datasheet HTML 12Page - Intersil Corporation X9241AMPI Datasheet HTML 13Page - Intersil Corporation X9241AMPI Datasheet HTML 14Page - Intersil Corporation X9241AMPI Datasheet HTML 15Page - Intersil Corporation X9241AMPI Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FN8164.6
August 31, 2007
Equivalent AC Test Circuit
Circuit #3 SPICE Macro Model
Guidelines for Calculating
Typical Values of Bus Pull-Up Resistors
DCP Wiper Current De-rating Curve
5V
1533
Ω
100pF
SDA OUTPUT
RH
CH
15pF
CW
RL
CL
RW
RTOTAL
25pF
15pF
MACRO MODEL
120
100
80
40
60
20
20
40
60
80
100
120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAXIMUM
RESISTANCE
RMAX =
CBUS
TR
RMIN =
IOL MIN
VCC MAX
=1.8k
Ω
7
6
5
3
4
1
20
40
60
70
80
90
0
0
AMBIENT TEMPERATURE (°C)
2
50
10
30
AC Electrical Specifications
(Over recommended operating conditions unless otherwise stated).
SYMBOL
PARAMETER
LIMITS
UNIT
REFERENCE
FIGURE
NUMBER(S)
MIN
(Note 11)
MAX
(Note 11)
fSCL
SCL clock frequency
0
100
kHz
10
tLOW
Clock LOW period
4700
ns
10
tHIGH
Clock HIGH period
4000
ns
10
tR
SCL and SDA rise time
1000
ns
10
tF
SCL and SDA fall time
300
ns
10
Ti
, (Note 11)
Noise suppression time constant (glitch filter)
20
ns
10
tSU:STA
Start condition setup time (for a repeated start condition)
4000
ns
10 and 12
tHD:STA
Start condition hold time
4000
ns
10 and 12
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tF
tSU:STO
tR
tBUF
SCL
SDA
(DATA IN)
FIGURE 10. INPUT BUS TIMING
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com