Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP??
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 3Page - Intersil Corporation X9241AMPIZ Datasheet HTML 4Page - Intersil Corporation X9241AMPIZ Datasheet HTML 5Page - Intersil Corporation X9241AMPIZ Datasheet HTML 6Page - Intersil Corporation X9241AMPIZ Datasheet HTML 7Page - Intersil Corporation X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8164.6
August 31, 2007
NOTES:
1. 1/0 = data is one or zero
2. X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical).
XFR Data
Register to WCR
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 to P0 and R1 to
R0 to its associated WCR
XFR WCR to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 to P0 to the Register
pointed to by R1 to R0
Global XFR
Data Register to
WCR
0
0
0
1
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 to R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1
0
0
0
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 to R0 of all four pots
Increment/
Decrement
Wiper
0
0
1
0
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 to P0
TABLE 1. INSTRUCTION SET (Continued)
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
SCL FROM
DATA OUTPUT
FROM TRANSMITTER
1
89
STAR T
ACKNOWLEDGE
MASTER
DATA OUTPUT
FROM RECEIVER
FIGURE 7. ACKNOWLEDGE RESPONSE FROM RECEIVER
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com