Electronic Components Datasheet Search
  English  ▼

X  

BA6423AF Datasheet(PDF) 2 Page - Rohm

Part # BA6423AF
Description  Silicon Monolithic Integrated Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 2 Page - Rohm

  BA6423AF Datasheet HTML 1Page - Rohm BA6423AF Datasheet HTML 2Page - Rohm BA6423AF Datasheet HTML 3Page - Rohm BA6423AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
REV. G
〇ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta=25℃,Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
2.7
5.4
8.1
mA
At output OFF
Charge current of capacitor
for lock detection
ILDC
1.55
3.10
4.65
μA
VLD=1.8V
Discharge current of capacitor
for lock detection
ILDD
0.33
0.66
0.99
μA
VLD=1.8V
Charge-discharge current ratio
of capacitor for lock detection
rCD
3.0
4.7
6.4
-
rCD=ILDC/ILDD
Clamp voltage of capacitor
for lock detection
VLDCL
2.00
2.48
3.00
V
Comparison voltage of
capacitor for lock detection
VLDCP
0.70
0.99
1.30
V
Output voltage L
VOL
-
0.8
1.2
V
Io=200mA
Output voltage H
VOH
-
0.9
1.4
V
Io=-200mA
Voltage between output
and Vcc
AL terminal voltage L
VALL
-
0.1
0.3
V
IAL=10mA
AL terminal leak current
IALL
-
0
10
μA
VAL=30V
Hall input - output offset voltage
VOFS
-20
0
20
mV
〇PACKAGE OUTLINES
〇BLOCK DIAGRAM
〇Terminal name
Pin No.
Terminal
name
1
OUT2
2
Vcc
3
AL
4
LD
5
H+
6
H-
7
OUT1
8
GND
0.15
±0.1
0.4
±0.1
5.0
±0.2
85
4
1
1.27
0.1
6423A
Lot No.
SOP 8(UNIT:mm)
LOGIC
TSD
AMP
REG
LOCK
DETECTION
AND
AUTO
RESTART
AMP
HALL
AMP
H+
H-
6
5
Vcc
2
LD
4
OUT2
1
OUT1
7
AL
3
8
GND
REG
+
-
+
-
+
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com