Electronic Components Datasheet Search
  English  ▼

X  

AS5215 Datasheet(PDF) 1 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 1 Page - ams AG

  AS5215_1 Datasheet HTML 1Page - ams AG AS5215_1 Datasheet HTML 2Page - ams AG AS5215_1 Datasheet HTML 3Page - ams AG AS5215_1 Datasheet HTML 4Page - ams AG AS5215_1 Datasheet HTML 5Page - ams AG AS5215_1 Datasheet HTML 6Page - ams AG AS5215_1 Datasheet HTML 7Page - ams AG AS5215_1 Datasheet HTML 8Page - ams AG AS5215_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AS5215
Programmable 360º Magnetic Angle Encoder with Buffered SINE &
COSINE Output Signals
www.austriamicrosystems.com/AS5215
Revision 1.9
1 - 24
Data Sheet
1 General Description
The AS5215 is a redundant, contactless rotary encoder sensor for
accurate angular measurement over a full turn of 360º and over an
extended ambient temperature range of -40ºC to +150ºC.
Based on an integrated Hall element array, the angular position of a
simple two-pole magnet is translated into analog output voltages.
The angle information is provided by means of buffered sine and
cosine voltages. This approach gives maximum flexibility in system
design, as it can be directly integrated into existing architectures and
optimized for various applications in terms of speed and accuracy.
With two independent dies in one package, the device offers true
redundancy. Usually the bottom die, which is exposed to slightly less
magnetic field is employed for plausibility check.
An SSI Interface is implemented for signal path configuration as well
as a one time programmable register block (OTP), which allows the
customer to adjust the signal path gain to adjust for different
mechanical constraints and magnetic field.
Figure 1. AS5215 Block Diagram
2 Key Features
Contactless angular position encoding
High precision analog output
Buffered Sine and Cosine signals
SSI Interface
Low power mode
Two programmable output modes: Differential or Single ended
Wide magnetic field input range: 20 – 80 mT
Wide temperature range: -40ºC to +150ºC
Fully automotive qualified to AEC-Q100, grade 0
Thin punched 32-pin QFN (7x7mm) package
3 Applications
The AS5215 is ideal for Electronic Power Steering systems and
general purpose for automotive or industrial applications in
microcontroller-based systems.
VDD
VSS
SINP/SINN
SINN/SINP/CM_SIN
COSP/COSN
COSN/COSP/CM_COS
Hall Array
&
Frontend
Amplifier
CS
DCLK
DIO
POWER
MANAGEMENT
BUFFER Stage
BUFFER Stage
OTP Register
Digital Part
SSI Interface
AS5215
PROG
Note:
This Block Diagram presents only one die.


Similar Part No. - AS5215_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5215-HQFT AMSCO-AS5215-HQFT Datasheet
743Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215OM-HMFP AMSCO-AS5215OM-HMFP Datasheet
1Mb / 27P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5215 AMSCO-AS5215_04 Datasheet
1Mb / 27P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
More results

Similar Description - AS5215_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5115 AMSCO-AS5115 Datasheet
1Mb / 21P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5215 AMSCO-AS5215_04 Datasheet
1Mb / 27P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5116 AMSCO-AS5116 Datasheet
1Mb / 34P
On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com