Electronic Components Datasheet Search
  English  ▼

X  

AS5215 Datasheet(PDF) 12 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 12 Page - ams AG

Back Button AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG AS5215 Datasheet HTML 10Page - ams AG AS5215 Datasheet HTML 11Page - ams AG AS5215 Datasheet HTML 12Page - ams AG AS5215 Datasheet HTML 13Page - ams AG AS5215 Datasheet HTML 14Page - ams AG AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
12 - 24
AS5215
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.1.3 Axial Distance (Airgap)
Figure 7. Sinusoidal Magnetic Field Generated by the Rotating Magnet
The recommended magnetic field, measured at the chip surface on a radius equal to the Hall sensor array radius (typ 1mm) should be within a
certain range. This range lies between 45 and 75mT or between 20 and 80mT, depending on the encoder product.
Linear position sensors are more sensitive as they use weaker magnets. The allowed magnetic range lies typically between 5 and 60mT.
7.1.4 Angle Error vs. Radial and Axial Misalignment
The angle error is the deviation of the actual angle vs. the angle measured by the encoder. There are several factors in the chip itself that
contribute to this error, mainly offset and gain matching of the amplifiers in the analog signal path. On the other hand, there is the nonlinearity of
the signals coming from the Hall sensors, caused by misalignment of the magnet and imperfections in the magnetic material.
Ideally, the Hall sensor signals should be sinusoidal, with equal peak amplitude of each signal. This can be maintained, as long as all Hall
elements are within the linear range of the magnetic field Bz (see Figure 5).
7.1.5 Mounting the Magnet
Generally, for on-axis rotation angle measurement, the magnet must be mounted centered over the IC package. However, the material of the
shaft into which the magnet is mounted, is also of big importance.
Magnetic materials in the vicinity of the magnet will distort or weaken the magnetic field being picked up by the Hall elements and cause
additional errors in the angular output of the sensor.
Figure 8. Magnetic Field Lines in Air
Figure 8 shows the ideal case with the magnet in air. No magnetic materials are anywhere nearby.
0
360º
B
vertical
field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com