Electronic Components Datasheet Search
  English  ▼

X  

BA6285FS Datasheet(PDF) 8 Page - Rohm

Part # BA6285FS
Description  1.0A Reversible Motor Drivers (Single Motor)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 8 Page - Rohm

Back Button BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Block diagram and pin configuration
BA6285FS
Fig.29 BA6285FS
Table 3 BA6285FS
Pin
Name
Function
1
GND
GND
2
NC
NC
3
OUT1
Driver output
4
VM
Power supply (driver stage)
5
VCC
Power supply (small signal)
6
FIN
Control input (forward)
7
NC
NC
8
PS
Power save enable pin
9
NC
NC
10
NC
NC
11
RIN
Control input (reverse)
12
VREF
Reference voltage setting pin
13
NC
NC
14
OUT2
Driver output
15
NC
NC
16
RNF
Power ground
ZD
C2
C1
R2
R1
M
C3
VCC
5
4
14
3
6
11
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
OUT2
12
VREF
16
RNF
8
POWER
SAVE
1
GND
Fig.30 BA6285FS (SSOP-A16)
GND
NC
OUT1
VM
VCC
FIN
NC
PS
RNF
NC
OUT2
NC
VREF
RIN
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com