Electronic Components Datasheet Search
  English  ▼

X  

BA2902FV Datasheet(PDF) 9 Page - Rohm

Part # BA2902FV
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FV Datasheet(HTML) 9 Page - Rohm

Back Button BA2902FV Datasheet HTML 5Page - Rohm BA2902FV Datasheet HTML 6Page - Rohm BA2902FV Datasheet HTML 7Page - Rohm BA2902FV Datasheet HTML 8Page - Rohm BA2902FV Datasheet HTML 9Page - Rohm BA2902FV Datasheet HTML 10Page - Rohm BA2902FV Datasheet HTML 11Page - Rohm BA2902FV Datasheet HTML 12Page - Rohm BA2902FV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
9/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
BA10324A family
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BA10324A family
0
1
2
3
4
5
-50
-250
255075
100
AMBIENT TEMPERATURE[℃]
BA10324A family
0
10
20
30
40
50
01
2
3
45
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
BA10324A family
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERTURE [℃] .
0.0
0.4
0.8
1.2
1.6
2.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
25℃
85℃
BA10324A family
-40℃
0
0.4
0.8
1.2
1.6
2
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA10324A family
3V
32V
5V
BA10324AFV
BA10324A family
BA10324AF
Supply Current - Supply Voltage
Supply Current - Ambient Temperature
Derating Curve
Maximum Output Voltage - Supply Voltage
(RL=10[kΩ])
Maximum Output Voltage - Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Output Source Current - Output Voltage
(VCC=5[V])
Output Source Current - Ambient Temperature
(VOUT=0[V])
Output Sink Current - Output Voltage
(VCC=5[V])
-40℃
25℃
Output Sink Current - Ambient Temperature
(VOUT=VCC)
3V
5V
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32
Fig. 33
Fig. 34
Fig. 35
Fig. 36
85
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERAURE [℃]
0.001
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
15V
3V
5V
BA10324A family
85℃
BA10324A family
15V
BA10324A family
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
85℃
25℃
BA10324A family
0
10
20
30
40
50
60
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
32V
5V
3V
BA10324A family
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BA10324A family
   



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com