Electronic Components Datasheet Search
  English  ▼

X  

IPD50R520CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD50R520CP
Description  CoolMos Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD50R520CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD50R520CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPD50R520CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type
IPD50R520CP
CoolMOS
TM Power Transistor
Package
• Lowest figure of merit RON x Qg
• Ultra low gate charge
• Extreme dv/dt rated
• High peak current capability
• Pb-free lead plating; RoHS compliant
• Quailfied according to JEDEC
1) for target applications
CoolMOS CP is designed for:
• Hard- & Softswitching SMPS topologies
• DCM PFC for Lamp ballast
• PWM for Lamp Ballast, PDP and LCD TV
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=2.5 A, V DD=50 V
166
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=2.5 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...400 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Value
7.1
4.5
15
±30
66
-55 ... 150
0.25
2.5
50
±20
V DS @Tjmax
550
V
R DS(on),max
0.520
Ω
Q g,typ
13
nC
Product Summary
Type
Package
Marking
IPD50R520CP
PG-TO252
5R520P
PG-TO252
Rev. 2.1
page 1
2008-04-10


Similar Part No. - IPD50R520CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50R520CP INFINEON-IPD50R520CP Datasheet
307Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
logo
Inchange Semiconductor ...
IPD50R520CP ISC-IPD50R520CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IPD50R520CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPA90R500C3 INFINEON-IPA90R500C3 Datasheet
371Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-29
IPA90R800C3 INFINEON-IPA90R800C3 Datasheet
271Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-30
IPB60R299CPA INFINEON-IPB60R299CPA Datasheet
441Kb / 11P
CoolMOS Power Transistor
Rev. 2.0 2009-09-09
IPD60R520CP INFINEON-IPD60R520CP Datasheet
653Kb / 10P
CoolMOS Power Transistor
2008-02-15 revision:2.0
IPI60R099CP INFINEON-IPI60R099CP_08 Datasheet
290Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-02-19
IPS50R520CP INFINEON-IPS50R520CP Datasheet
611Kb / 10P
CoolMOS Power Transistor
2008-04-15 revision:2.1
SPA15N65C3 INFINEON-SPA15N65C3 Datasheet
282Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-03-12
SPP24N60CFD INFINEON-SPP24N60CFD_09 Datasheet
545Kb / 12P
CoolMOS Power Transistor
Rev. 1.3 2009-12-01
IPP60R099CPA INFINEON-IPP60R099CPA Datasheet
306Kb / 11P
CoolMOS Power Transistor
Rev. 2.2 2009-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com