Electronic Components Datasheet Search
  English  ▼

X  

GP1A05 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A05
Description  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A05 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A05 Datasheet HTML 1Page - Sharp Corporation GP1A05 Datasheet HTML 2Page - Sharp Corporation GP1A05 Datasheet HTML 3Page - Sharp Corporation GP1A05 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A05/GP1A22LC/GP1A23LC/GP1A25LC
s Electro-optical Characteristics
( Unless otherwise specified, Vcc = 5V, Ta = 25˚C)
Parameter
Symbol
V CC
ICCL
V OL
I CCH
V OH
f
MIN.
TYP.
MAX.
Unit
4.5
-
5.5
V
-
-
30
mA
-
-
0.35
V
-
-
30
mA
V CC x 0.9
--
V
--
Hz
Conditions
Light beam uninterrupted
Light beam uninterrupted,I OL= 16mA
Light beam interrupted
Light beam interrupted,RL = 47k
Ω
Operating supply voltage
Low level supply current
Low level output voltage
High level supply current
High level output voltage
s Absoulte Maximum Ratlngs
(Ta = 25˚C )
*2 Collector current of output transistor
*3 The connector should be plugged in/out at normal temperature.
*4 No DC output is allowed.
*4RL= 47k
Ω
*5 Response frequency
*5 Response frequency is measured with the disk shown below being rotated.( Unit : mm )
*1 Collector-emitter voltage of output transistor
Disk
0.5
0.5
Parameter
Symbol
Rating
Unit
Supply
voltage
GP1A05
V CC
- 0.5 to + 10
V
- 0.5 to + 8
GP1A22LC / GP1A23LC / GP1A25LC
*1Output voltage
V O
- 0.5 to + 28
V
*2Low level output current
IOL
50
mA
*3Operating temperature
T opr
- 20 to + 75
˚C
tempera-
ture
*3Storage
GP1A05 / GP1A22LC / GP1A23LC
T stg
- 40 to + 85
˚C
- 30 to + 85
GP1A25LC
Voltage regulator
3
2
Amp.
1
2 GND
Internal connection diagram ( Common to 4 models )
3 000
1 VCC
3 V O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com