Electronic Components Datasheet Search
  English  ▼

X  

P1011 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1011
Description  single- and dual-core communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1011 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1011 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1011 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo and QorIQ are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. All other
product or service names are the property of their respective owners. The Power Architecture and Power.org word marks
and the Power and Power.org logos and related marks are trademarks and service marks licensed by Power.org.
© 2009, 2011 Freescale Semiconductor, Inc.
Document Number: QP10XXFS
REV 5
The QorIQ P1011 and P1020 processors
integrate a rich set of interfaces, including
SerDes, Gigabit Ethernet, PCI Express®
and USB. The three 10/100/1000 Ethernet
ports support advanced packet parsing, flow
control and quality of service features, as well
as IEEE® 1588 time-stamping—all ideal for
managing the datapath traffic between the
LAN and WAN interface. A TDM interface can
support voice for legacy phone applications.
Four SerDes lanes can be portioned across
two PCI Express ports and two SGMII
ports. The PCI Express ports can provide
connectivity to IEEE 802.11n radio cards for
wireless support. USB or SD/MMC interfaces
can be used to support local storage. A
second USB interface is also available to
support USB attached printers or as a console
port. Multiple memory connection ports are
available, including the 16-bit local bus, two
USB 2.0 controllers, eSDHC and SPI.
Target Applications
The P1011 and P1020 processors serve in
a wide variety of applications. The devices
are well suited for various combinations of
data plane and control plane workloads in
networking and telecom applications. With an
available junction temperature range of -40ºC
to +125ºC, the devices can be used in power-
sensitive defense and industrial applications,
and outdoor environments less protected
from the environment. The devices’ primary
target applications are networking and
telecom linecards.
A multi-service router or business gateway
requires a combination of high performance
and a rich set of peripherals to support the
datapath throughputs and required system
functionality. The P1011 and P1020 devices
offer a scalable platform to develop a
range of products that can support the
same feature set. Integrated 10/100/1000
Ethernet controllers with classification and
QoS capabilities are ideal for managing the
datapath traffic between the LAN and WAN
interface. PCI Express ports can provide
connectivity to IEEE 802.11n radio cards
for wireless support, TDM for legacy phone
interfaces to support voice, the USB or SD/
MMC interfaces can be used to support local
storage, the second USB interface is also
available to support USB attached printers
or as a console port. And the integrated
security engine can provide encrypted secure
communications for remote users with
VPN support.
Technical Specifications
• Dual(P1020)orsingle(P1011)high-
performance Power Architecture e500 cores
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB L1
data cache for each core
533 MHz to 800 MHz core clock
frequency
• 256KBL2cachewithECC,also
configurable as SRAM and stashing
memory
• Three10/100/1000Mbpsenhancedthree-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE 1588 support
Lossless flow control
RGMII, SGMII
• High-speedinterfaces(notallavailable
simultaneously)
Four SerDes to 3.125 GHz multiplexed
across controllers
Two PCI Express controllers
Two SGMII interfaces
• TwoHigh-SpeedUSBcontrollers(USB2.0)
Host and device support
Enhanced host controller interface (EHCI)
ULPI interface to PHY
• Enhancedsecuredigitalhostcontroller
(eSDHC)
• Serialperipheralinterface
• Integratedsecurityengine(SEC3.3)
Crypto algorithm support includes 3DES,
AES, RSA/ECC, MD5/SHA, ARC4,
Snow 3G and FIPS deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 32-bitDDR2/DDR3SDRAMmemory
controller with ECC support
• Programmableinterruptcontroller(PIC)
compliant with OpenPIC standard
• Four-channelDMAcontroller
• TwoI2C controllers, DUART, timers
• Enhancedlocalbuscontroller(eLBC)
• 16general-purposeI/Osignals
• Package:689-pinwirebondpower-BGA
(TEPBGA2)
Learn More: For current information about Freescale
products and documentation, please visit
freescale.com/QorIQ.
QorIQ Platform
Device
Cores
Top Core Frequency
L2 Size
DDR 2/3 Support
GE Ports
SerDes
PCI Express®
Serial RapidIO®
TDM
P1
P1011
1
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
P1
P1020
2
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
P2
P2010
1
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A
P2
P2020
2
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com