Electronic Components Datasheet Search
  English  ▼

X  

LTC2990CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2990CMS
Description  TEMPERATURE, VOLTAGE AND CURRENT MONITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMS Datasheet(HTML) 1 Page - Linear Technology

  LTC2990CMS Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
+5V
VUNREG
MOSI/SDA
SCK/SCL
EEGND
EESDA
EESCL
EEVCC
VCC
VCC
V+
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
LEO CHEN
PRODUCTION
-
2
11/18/09
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
LEO CHEN
PRODUCTION
-
2
11/18/09
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
LEO CHEN
PRODUCTION
-
2
11/18/09
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
2
Monday, October 04, 2010
1
1
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
RB
Leo C.
N/A
LTC2990CMS
DEMO CIRCUIT 1338A
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
2
Monday, October 04, 2010
1
1
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
RB
Leo C.
N/A
LTC2990CMS
DEMO CIRCUIT 1338A
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
2
Monday, October 04, 2010
1
1
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
RB
Leo C.
N/A
LTC2990CMS
DEMO CIRCUIT 1338A
E7
V4
E7
V4
C2
0.1uF
C2
0.1uF
TP2
SDA
TP2
SDA
JP4
1
0
ADR0
JP4
1
0
ADR0
1
3
2
Q1
FMMT3906
Q1
FMMT3906
E1
VCC
EXT
E1
VCC
EXT
JP7
TEMP
VOLT
V4
JP7
TEMP
VOLT
V4
1
3
2
TP1
SCL
TP1
SCL
J1
J1
1
3
2
4
5
6
7
8
9
10
11
13
12
14
R1
4.99K
1%
R1
4.99K
1%
E6
V3
E6
V3
E8
GND
E8
GND
JP2
EXT
INT
VCC
JP2
EXT
INT
VCC
1
3
2
JP6
TEMP
VOLT
V3
JP6
TEMP
VOLT
V3
1
3
2
C4
470pF
C4
470pF
E3
V+
E3
V+
E4
V1
E4
V1
U1
LTC2990CMS
U1
LTC2990CMS
V3
3
SDA
6
V2
2
ADR0
8
V4
4
SCL
7
V1
1
VCC
10
ADR1
9
GND
5
E2
GND
E2
GND
Q2
FMMT3904
Q2
FMMT3904
JP5
TEMP
VOLT
V2
JP5
TEMP
VOLT
V2
1
3
2
JP1
1
0
ADR1
JP1
1
0
ADR1
1
3
2
C3
470pF
C3
470pF
E5
V2
E5
V2
U2
24LC025-I/ST
U2
24LC025-I/ST
A0
1
A1
2
A2
3
VSS
4
VCC
8
WP
7
SCL
6
SDA
5
R2
4.99K
1%
R2
4.99K
1%
JP3
TEMP
VOLT
V1
JP3
TEMP
VOLT
V1
1
3
2
C1
0.1uF
C1
0.1uF


Similar Part No. - LTC2990CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
logo
Analog Devices
LTC2990CMS AD-LTC2990CMS Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2990CMS#PBF AD-LTC2990CMS#PBF Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
logo
Linear Technology
LTC2990CMSPBF LINER-LTC2990CMSPBF Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMSTR LINER-LTC2990CMSTR Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
More results

Similar Description - LTC2990CMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com