Electronic Components Datasheet Search
  English  ▼

X  

GP1A20 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A20
Description  OPIC Photointerrupter with Cover Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A20 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A20 Datasheet HTML 1Page - Sharp Corporation GP1A20 Datasheet HTML 2Page - Sharp Corporation GP1A20 Datasheet HTML 3Page - Sharp Corporation GP1A20 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A20
s Erectro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 10mA
-
1.1
1.4
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Operating supply voltage
V CC
4.5
-
17
V
Low level output voltage
V OL
IOL = 16mA, V CC = 5V, I F = 0
-
0.15
0.4
V
High level output voltage
V OH
V CC = 5V, I F = 10mA
4.9
-
-
V
Low level supply current
ICCL
V CC = 5V, I F = 0
-
2.5
5.0
mA
High level supply current
I CCH
V CC = 5V, I F = 10mA
-
1.0
3.0
mA
Transfer
charac-
teristics
“ Low
→High” threshold input current
*3
I FLH
V CC = 5V
-
2.0
9.5
mA
*4Hysteresis
I FHL /I FLH V CC = 5V
0.55
0.75
0.95
-
t PLH
V CC =5V
IF = 10mA
RL = 280
Ω
39
µ s
t PHL
-
-
515
-
0.1
0.5
Rise time
t r
-
0.05
0.5
Fall time
tf
(Ta = 25˚C )
*3 I FLH represents forward current when output changes from low to high.
*4 I FHL represents forward current when output changes from high to low.
Hysteresis stands for IFHL /I FLH .
s Recommended Operating Conditions
“ Low
→High” propagation delay time
“ High
→Low” propagation delay time
Ambient temperature Ta ( ˚C)
Ambient temperature Ta ( ˚C)
0
10
20
30
40
50
60
100
75
50
25
0
85
-25
-25
85
0
25
50
75
100
300
250
200
150
100
50
0
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
Parameter
Symbol
Operating temperature
MIN.
MAX.
Unit
Low level output current
IOL
Ta = 0 to + 70˚C
-16
mA
Forward current
IF
10
20
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com