Electronic Components Datasheet Search
  English  ▼

X  

LTC2990IMSTR Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2990IMSTR
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990IMSTR Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2990IMSTR Datasheet HTML 16Page - Linear Technology LTC2990IMSTR Datasheet HTML 17Page - Linear Technology LTC2990IMSTR Datasheet HTML 18Page - Linear Technology LTC2990IMSTR Datasheet HTML 19Page - Linear Technology LTC2990IMSTR Datasheet HTML 20Page - Linear Technology LTC2990IMSTR Datasheet HTML 21Page - Linear Technology LTC2990IMSTR Datasheet HTML 22Page - Linear Technology LTC2990IMSTR Datasheet HTML 23Page - Linear Technology LTC2990IMSTR Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC2990

2990f
Typical applicaTions
Oscillator/Reference Oven Temperature Regulation
VCC
V1
LTC2990
HEATERPWR = I •V
0.1
HEATER
VOLTAGE
2-WIRE
I2C
INTERFACE
5V
GND
470pF
FEED
FORWARD
FEED
BACK
HEATER
HEATER CONSTRUCTION:
5FT COIL OF #34 ENAMEL WIRE
~1.6 AT 70°C
PHEATER = ~0.4W WITH TA = 20°C
HEATER POWER = • (TSET – TAMB) + • ∫(TOVEN – TSET) dt
20°C
AMBIENT
STYROFOAM
INSULATION
70°C
OVEN
TOVEN
= 0.004W, = 0.00005W/DEG-s
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA10
TINTERNAL
CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x59
TAMB
REG 4, 5
0.0625°C/LSB
IHEATER
REG 6, 7
269µVLSB
THEATER
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
VOLTAGE AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
V1, V2
REG 8, 9
305.18µVLSB
TOVEN
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
0.1µF
Wind Direction/Instrumentation
VCC
V1
LTC2990
3.3V
µC
GND
470pF
MMBT3904
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA11
470pF
3.3V
HEATER
75
0.125W
TINTERNAL
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
TR1
REG 8, 9
0.0625°C/LSB
TR2
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
2N7002
FAN ENABLE
2 SECOND PULSE
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com