Electronic Components Datasheet Search
  English  ▼

X  

448 Datasheet(PDF) 2 Page - Littelfuse

Part # 448
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

448 Datasheet(HTML) 2 Page - Littelfuse

  448 Datasheet HTML 1Page - Littelfuse 448 Datasheet HTML 2Page - Littelfuse 448 Datasheet HTML 3Page - Littelfuse 448 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
50
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO2® > Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Agency Approvals
PS
E
0.062
.062
125
50 amperes
300 amperes
5.50
0.00023
x
x
0.080
.080
125
4.42
0.00043
x
x
0.100
.100
125
2.90
0.00082
x
x
0.125
.125
125
2.58
0.00130
x
x
0.160
.160
125
1.76
0.00280
x
x
0.200
.200
125
1.40
0.00380
x
x
0.250
.250
125
1.05
0.01520
x
x
0.315
.315
125
0.7900
0.02650
x
x
0.375
.375
125
0.7300
0.02400
x
x
0.400
.400
125
0.4895
0.04160
x
x
0.500
.500
125
0.3800
0.10000
x
x
0.630
.630
125
0.2821
0.121
x
x
0.750
.750
125
0.2475
0.206
x
x
0.800
.800
125
0.1907
0.272
x
x
1.00
001.
125
0.08630
0.441
x
x
x
1.25
1.25
125
0.06619
0.900
x
x
x
1.50
01.5
125
0.06514
0.900
x
x
x
1.60
01.6
125
0.06261
1.122
x
x
x
2.00
002.
125
0.03529
0.812
x
x
x
2.50
02.5
125
0.02934
1.156
x
x
x
3.00
003.
125
0.02445
1.720
x
x
x
3.15
3.15
125
0.02300
1.810
x
x
x
3.50
03.5
125
0.02100
2.300
x
x
x
4.00
004.
125
0.01577
3.970
x
x
x
5.00
005.
125
0.01531
4.490
x
x
x
6.30
06.3
125
0.01044
12.10
x
x
x
7.00
007.
125
0.00900
13.92
x
x
x
8.00
008.
125
0.00780
18.33
x
x
x
10.00
010.
125
35 amperes
50 amperes
300 amperes
0.00700
28.00
x
x
x
12.00
012.
65
50 amperes
300 amperes
0.00533
47.59
x
x
15.00
015.
65
0.00394
96.10
x
x
Electrical Specifications by Item
Notes:
- l2t calculated at 8ms.
- Resistance is measured at 10% of rated current, 25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com