Electronic Components Datasheet Search
  English  ▼

X  

GP1A34LC Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A34LC
Description  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A34LC Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A34LC Datasheet HTML 1Page - Sharp Corporation GP1A34LC Datasheet HTML 2Page - Sharp Corporation GP1A34LC Datasheet HTML 3Page - Sharp Corporation GP1A34LC Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A34LC
s Electro-optical Characteristics
( VCC= 5V, Ta= 25˚C)
Parameter
Operating supply voltage
Low level supply current
Low level output voltage
High level supply current
High level output voltage
Response frequency
Rise time
Fall time
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VCC
4.5
-
5.5
V
ICCL
Light beam uninterrupted
-
-
30
mA
VOL
Light beam uninterrupted, I OL= 2.5mA
-
-
0.4
V
I CCH
Light beam interrupted
-
-
30
mA
VOH
Light beam interrupted, R L= 47k
Ω
V CC x 0.9
--
V
f
L
= 47k
Ω ,
-
-
-Hz
t r
R L= 280
Ω
0.1
0.5
µ s
tf
-
0.05
0.5
µ s
Disk
90 %
10 %
tr
tf
0.8
0.8
0
2
4
6
8
10
12
-20
100
75
50
25
0
0.05
0.02
0.01
0.1
0.2
0.5
1
50
20
5
2
100
10
1
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
Ambient temperature Ta (˚C)
Low level output current I OL ( mA )
V CC=5V
T a= 25˚C
*5
*4R
3 000
*5 Response frequency is measured with the disk shown below being rorated.( Unit : mm )
*4 Output should not be DC level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com