Electronic Components Datasheet Search
  English  ▼

X  

1H2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1H2
Description  1.0 Amp High Efficient Rectifier 50 - 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1H2 Datasheet(HTML) 1 Page - Micro Commercial Components

  1H2 Datasheet HTML 1Page - Micro Commercial Components 1H2 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1H1
THRU
1H7
1.0 Amp High
Efficient Rectifier
50 - 1000 Volts
Features
•
Low Leakage Current
•
Fast Switching for High Efficiency
•
Operating Temperature: -55
OC to +125OC
•
Storage Temperature: -55
OC to +150OC
•
Typical Thermal Resistance; 60
OC/W Junction To Case
18
OC/W Junction To Ambient
MCC Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1H1
1H1
50V
35V
50V
1H2
1H2
100V
70V
100V
1H3
1H3
200V
140V
200V
1H4
1H4
400V
280V
400V
1H5
1H5
600V
420V
600V
1H6
1H6
800V
560V
800V
1H7
1H7
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 55
OC
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1H1-4
1H5
1H6-1H7
VF
1.0V
1.3V
1.7V
IFM = 1.0A;
TJ = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
150uA
TJ = 25
OC
TJ = 125
OC
Maximum Reverse
Recovery Time
1H1-1H5
1H6-1H7
Trr
50ns
75ns
IF=0.5A, IR=1.0A
IRR=0.25A
Typical Junction
Capacitance
1H1-1H5
1H6-1H7
CJ
20pF
15pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
R-1
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark
TM
Micro Commercial Components
1 of 2
Maximum Ratings
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - 1H2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H2 WTE-1H2 Datasheet
46Kb / 3P
1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
1H2 RECTRON-1H2 Datasheet
27Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
1H2 DCCOM-1H2 Datasheet
417Kb / 2P
TECHINCAL SPECIFICATIONS OF MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Formosa MS
1H2 FORMOSA-1H2 Datasheet
34Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
1H2 WTE-1H2 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
More results

Similar Description - 1H2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1H1 CHENYI-1H1 Datasheet
79Kb / 1P
1.0 Amp High Efficient Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1H1G MCC-1H1G Datasheet
365Kb / 2P
1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101G MCC-HER101G Datasheet
410Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
HER101S MCC-HER101S_11 Datasheet
732Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
1H1 MCC-1H1_13 Datasheet
378Kb / 2P
1.0 Amp High Efficient Rectifier 50 - 1000 Volts
1H1G MCC-1H1G_17 Datasheet
469Kb / 3P
1.0 Amp High Efficient Rectifier 50 - 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101G MCC-HER101G_13 Datasheet
437Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com