Electronic Components Datasheet Search
  English  ▼

X  

BD6517F Datasheet(PDF) 7 Page - Rohm

Part # BD6517F
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6517F Datasheet(HTML) 7 Page - Rohm

Back Button BD6517F Datasheet HTML 3Page - Rohm BD6517F Datasheet HTML 4Page - Rohm BD6517F Datasheet HTML 5Page - Rohm BD6517F Datasheet HTML 6Page - Rohm BD6517F Datasheet HTML 7Page - Rohm BD6517F Datasheet HTML 8Page - Rohm BD6517F Datasheet HTML 9Page - Rohm BD6517F Datasheet HTML 10Page - Rohm BD6517F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
7/20
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference data
◎
BD6512F/ BD6513F
Fig.3 Operating current
Fig.4 Operating current
0
20
40
60
80
100
120
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.5 CTRL input voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
Low to High
High to Low
Ta=25ºC
Fig.6 CTRL input voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
High to Low
Low to High
Fig.7 ON resistance
Fig.8 ON resistance
0
50
100
150
200
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=3.3V
VDD=5.0V
Fig.9 Output rise time
0
1000
2000
3000
4000
2
3
456
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
Fig.10 Output rise time
Fig.11 Output rise delay time
0
1000
2000
3000
4000
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0
1000
2000
3000
4000
23
4
5
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
Fig.12 Output rise delay time
0
1000
2000
3000
4000
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.13 Output fall time
Fig.14 Output fall time
0.0
1.0
2.0
3.0
4.0
5.0
23
456
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃ ]
VDD=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com