Electronic Components Datasheet Search
  English  ▼

X  

GP1A52 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1A52
Description  OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1A52 Datasheet HTML 1Page - Sharp Corporation GP1A52 Datasheet HTML 2Page - Sharp Corporation GP1A52 Datasheet HTML 3Page - Sharp Corporation GP1A52 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1A52LR
-25
85
0
25
50
75
100
60
50
40
30
20
10
0
0.05
0.02
0.01
0.1
0.2
0.5
1.0
50
20
5
2
100
10
1
0.5
0.9
0.6
0.8
1.0
1.1
20
15
10
5
0
0.4
0.6
0.8
1.0
1.2
1.4
100
75
50
25
0
-25
3.5
0
0.5
1
1.5
2
2.5
3
500
200
100
50
20
10
5
2
1
50˚C
25˚C
0˚C
- 25˚C
5mA
16mA
-25
0
25
50
75
100
0.4
0.3
0.2
0
0.1
0.5
0.6
25
0.7
1.6
Fig. 3 Low Level Output Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
T a = 75˚C
Forward voltage VF ( V)
Fig. 5 Relative Threshold Input Current vs.
Supply Voltage
Ambient Temperature
T a= 25˚C
I
= 1 at V CC=5V
I
= 1 at T a= 25˚C
V CC=5V
Fig. 7 Low Level Output Voltage vs.
Low Level Output Current
Fig. 8 Low Level Output Voltage vs.
Ambient Temperature
Low level output current I OL ( mA )
Ambient temperature Ta (˚C)
IOL = 30mA
VCC
=5V
Fig. 4 Forward Current vs. Forward Voltage
Fig. 6 Relative Threshold Input Current vs.
I FHL
I FLH
FHL
I FHL
I FLH
FHL
V CC =5V
Ta = 25˚C
Supply voltage VCC ( V)
Ambient temperature Ta ( ˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com