Electronic Components Datasheet Search
  English  ▼

X  

GP1A52 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1A52
Description  OPIC Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1A52 Datasheet HTML 1Page - Sharp Corporation GP1A52 Datasheet HTML 2Page - Sharp Corporation GP1A52 Datasheet HTML 3Page - Sharp Corporation GP1A52 Datasheet HTML 4Page - Sharp Corporation GP1A52 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GP1A50HR/GP1A51HR/GP1A52HR/GP1A53HR
0
5
10
15
20
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1.4
1.2
1.0
0.8
0.6
0.4
0
50
40
0
30
20
10
2
4
8
6
5mA
16mA
-25
0
25
50
75
100
0.4
0.3
0.2
0
0.1
0.5
0.6
1
10
100
2
5
20
50
1.0
0.5
0.2
0.1
0.01
0.02
0.05
5V
10V
-25
0
25
50
75
100
2.0
1.5
1.0
0
0.5
2.5
3.0
25
1.6
10V
5V
}
}
60
Fig. 5 Relative Threshold Input Current vs.
Supply Voltage
Fig. 6 Relative Threshold Input Current vs.
Ambient Temperature
Fig. 7 Low Level Output Voltage vs.
Low Level Output Current
Fig. 8 Low Level Output Voltage vs.
Ambient Temperature
Fig. 9 Supply Current vs. Ambient Temperature
IFLH
IFHL
IFLH = 1 at V CC =5V
T a= 25˚C
Supply voltage VCC ( V)
V CC=5V
IFLH
IFHL
IFLH = 1 at T a= 25˚C
V CC=5V
T a= 25˚C
Low level output current I OL ( mA )
VCC =5V
IOL= 30mA
Ambient temperature Ta (˚C)
Forward current I F ( mA )
t PLH
V CC= 17V
ICCL
ICCH
V CC= 17V
V CC=5V
R L= 280Ω
T a= 25˚C
t PHL
12
10
Ambient temperature T a ( ˚C)
-25
0
25
50
75
100
Fig.10-a Propagation Delay Time vs. Forward Current
(GP1A50HR/GP1A51HR/GP1A52HR )
Ambient temperature Ta ( ˚C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com