Electronic Components Datasheet Search
  English  ▼

X  

GP1F33RT Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1F33RT
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F33RT Datasheet(HTML) 5 Page - Sharp Corporation

  GP1F33RT Datasheet HTML 1Page - Sharp Corporation GP1F33RT Datasheet HTML 2Page - Sharp Corporation GP1F33RT Datasheet HTML 3Page - Sharp Corporation GP1F33RT Datasheet HTML 4Page - Sharp Corporation GP1F33RT Datasheet HTML 5Page - Sharp Corporation GP1F33RT Datasheet HTML 6Page - Sharp Corporation GP1F33RT Datasheet HTML 7Page - Sharp Corporation GP1F33RT Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vin
GND
GP1F31T/GP1F32T/
GP1F33TT/GP1F33RT
Unit to be measured
Standard optical fiber cable
receiver
Standard
signal
Output
CH1
CH2
Oscilloscope
Input
biphase mark PBRS signal
Trigger : CH1 Storage mode
50%
50%
Input signal
Standard receiver
output
∆ tj
∆ tj
Vcc
Vcc
Optical power meter
GP1F31R/GP1F32R
GP1F33RR/GP1F33RT
Unit to be measured
Variable optical
attenuator
Anritsu : ML93B
Unit to be measured
GP1F33RR/GP1F33RT
GP1F31R/GP1F32R
Vin
GND
Input
VCC = 5.0 ± 0.05V
PC= - 15dBm
Standard optical fiber cable
GND Vout
A
(DC average current value )
Ammeter
Vcc
Vcc
Vcc
Vcc
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT,GP1C331/331A/335
∗10 Jitter measuring method
1 1
00
∗11 Maximum input optical power level/Minimum input optical power level measuring method of receiving unit
∗12 Dissipation current measuring method
Optical power meter must be calibrated to have
the wavelength sensitivity of 660nm.
With no optical attenuator connected, use the
transmitter GP1F31T/GP1F32T/GP1F33TT and
the optical fiber cable GP1C331 with the fiber
coupling light output set at - 15dBm/ - 24dBm.
The waveform write time shall be 4 seconds. But do
not allow the waveform to be distorted by increasing
the brightness too much.
VCC = 5.0 ±0.05V (Operating )
The probe for the oscilloscope must be more than
1M
Ω and less than 10pF.
Note 1 )
2 )
3 )
Note 1)
2)
Input signal 3Mbps
Standard
transmitter
Standard
transmitter
6Mbps NRZ, duty 50%
or 3Mbps biphase PRBS signal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com