Electronic Components Datasheet Search
  English  ▼

X  

GP1L22 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1L22
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L22 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1L22 Datasheet HTML 1Page - Sharp Corporation GP1L22 Datasheet HTML 2Page - Sharp Corporation GP1L22 Datasheet HTML 3Page - Sharp Corporation GP1L22 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1L21/GP1L22
GP1L21/GP1L22
s Outline Dimensions
( Unit : mm)
s Absolute Maximum Ratings
( Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
40
mA
Collector power dissipation
P C
75
mW
Total power dissipation
Ptot
100
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*1Soldering temperature
Tsol
260
˚C
s Features
s Applications
*1 For 5 seconds
CTR: MIN. 40% , GP1L21
1. Ultra-compact ( Capacity: 0.06cc )
3. High current transfer ratio
4. PWB direct mounting type
5. With mounting hole
()
MIN. 20% , GP1L22
diagram
Internal connection
4.2
1.5 1.2
g 3.1
(C0.3)
4.2
g2.5
Rest of gate
(2)
(C0.8)
12
3
4
12
3
4
1mm or more
Soldering area
GP1L22)
4 - 0.15
5 Slit width
1 Anode
2 Collector
3 Emitter
4 Cathode
5 Slit width
*Tolerance:± 0.2mm
*Burr's dimensions : 0.15MAX.
*Rest of gate: 0.3MAX.
*( ): Reference dimensions
to those measured from the lead base.
2. Floppy disk drives
Subminiature, High
Sensitivity
Photointerrupter
2. High sensing accuracy
( Slit width: 0.3mm
1. Cameras
GP1L21: 0.8mm
GP1L22: 0.3mm
*The dimensions indicated by g
refer
(Center of
light path )
4 - 0.5
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ1.5+ 0.1
- 0
Hole


Similar Part No. - GP1L22

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
Subminiature, High Sensitivity Photointerrupter
More results

Similar Description - GP1L22

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
High Sensitivity Photointerrupter
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
High Sensitivity Photointerrupter
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
KRA011 KINGBRIGHT-KRA011 Datasheet
915Kb / 4P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com