Electronic Components Datasheet Search
  English  ▼

X  

GP1L50 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1L50
Description  High Sensitivity Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L50 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1L50 Datasheet HTML 1Page - Sharp Corporation GP1L50 Datasheet HTML 2Page - Sharp Corporation GP1L50 Datasheet HTML 3Page - Sharp Corporation GP1L50 Datasheet HTML 4Page - Sharp Corporation GP1L50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
20
55
25
2
50
100
200
500
1000
2000
3.5
02
0
25
1
20
15
10
5
34
0
2
0
2
46
8
10
12
22
2.0mA
1.5mA
1.0mA
0.5mA
5
30
Duty ratio
1
3579
10
20
30
35
40
45
50
4
6
8
14
16
18
24
28
26
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
T a= 25˚C
Ta= 75˚C
Forward Voltage VF (V)
Forward current I F ( mA )
V CE=2V
T a= 25˚C
T a= 25˚C
Collector-emitter voltade VCE (V)
IF = 2.5mA
PC ( MAX.)
Fig. 5 Collector Current vs.
Forward Current
Fig. 6 Collector Current vs.
Collector-emitter Voltage
0
0
255075
100
1
2
3
4
5
6
7
8
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Fig. 7 Collector Current vs.
Ambient Temperature
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
IF = 1mA
VCE =2V
Ambient temperature T a (˚C)
I F = 2mA
I C = 0.5mA
Ambient temperature T a (˚C)
Pulse width<=100
µ s
100
10 -2
10 -1
-25
-25
GP1L50/GP1L51/GP1L52V/GP1L54



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com