Electronic Components Datasheet Search
  English  ▼

X  

GP1L51 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1L51
Description  High Sensitivity Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L51 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1L51 Datasheet HTML 1Page - Sharp Corporation GP1L51 Datasheet HTML 2Page - Sharp Corporation GP1L51 Datasheet HTML 3Page - Sharp Corporation GP1L51 Datasheet HTML 4Page - Sharp Corporation GP1L51 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*1 Pulse width<= 100
µ s, Duty ratio= 0.01
(Ta = 25˚C )
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.25
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
3
4
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Collector dark current
ICEO
-A
Transfer
charac-
teristics
-mA
Collector-emitter saturation voltage
V CE(sat)
--
V
Response time
Rise time
t r
RL = 100
Ω
-
Fall time
tf
-
µs
µs
VCE = 2V, I C = 2mA
IF = 2mA, I C = 0.5mA
IF = 1mA, VCE = 2V
V CE = 10V
0.5
80
70
-
300
400
1.0
10- 6
*2 For 5 seconds
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
40
mA
Collector power dissipation
P C
75
mW
T opr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*2 Soldering temperature
Tsol
260
˚C
(Ta = 25˚C )
1
2
1 Anode
2 Cathode
3 Collector
4 Emitter
Internal connection diagram
(Common to 4 models )
3
4
GP1L50/GP1L51/GP1L52V/GP1L54
-25
0
25
50
75
100
0
10
20
30
40
50
60
85
- 25
0
25
50
75
100
0
20
40
60
85
80
100
120
75
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
s Absolute Maximum Ratings
Operating temperature
20
Collector Current
Ic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com