Electronic Components Datasheet Search
  English  ▼

X  

1SS196 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS196
Description  150mW Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS196 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS196 Datasheet HTML 1Page - Micro Commercial Components 1SS196 Datasheet HTML 2Page - Micro Commercial Components 1SS196 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS196
150mW
Switching Diodes
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Leakage Current
•
Surface Mount SOT-23 Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
Reverse Voltage
VR
80V
Forward Current
IF
100mA
Power Dissipation @ TA=25
OCPD
150mW
Storage Temperature Range
Tstg
-55
OC to +150OC
Junction Temperature
Tj
150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Reverse Voltage
VR
80V
Minimum Reverse
Breakdown Voltage
V(BR)
80V
IR=100uA
TA = 25
OC
Maximum Forward
Voltage
VF
1.2V
TA= 25
OC
IF = 100mA;
Maximum Reverse
Voltage Leakage
Current
IR
0.5uA
VR=80Volts
TA = 25
OC
Maximum Diode
Capacitance
CD
3.0pF
Measured at
f=1.0MHz,
VR=0
Maximum Reverse
Recovery Time
trr
4.0ns
A
B
C
D
E
F
GH
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Marking Code : G3
1 of 3
K
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS196

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS196 TOSHIBA-1SS196 Datasheet
127Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS196 TOSHIBA-1SS196 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS196 BILIN-1SS196 Datasheet
359Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS196 KEXIN-1SS196 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS196 SEMTECH_ELEC-1SS196 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS196

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V_13 Datasheet
232Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com