Electronic Components Datasheet Search
  English  ▼

X  

GP1L57 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1L57
Description  Wide Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L57 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1L57 Datasheet HTML 1Page - Sharp Corporation GP1L57 Datasheet HTML 2Page - Sharp Corporation GP1L57 Datasheet HTML 3Page - Sharp Corporation GP1L57 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
25
1
1
10 20
50
100 200
500 1000
2
5
10
20
50
100
200
500
1000
12
3
4
5
0
0
2
4
6
8
10
12
14
16
18
20
22
610
9
8
7
2mA
1mA
3mA
4mA
90%
10%
IF= 5mA
Pc(MAX.)
V CE=2V
IC= 10mA
D
RL
td
tr
ts
tf
t r
t f
t d
t s
T a= 25˚C
T a= 25˚C
Fig. 6 Collector Current vs. Collector-emitter
Voltage
Fig. 5 Collector Current vs. Forward Current
Fig. 9 Response Time vs. Load Resistance
Test Circuit for Response Time
Forward current I F (mA)
Collector-emitter voltage VCE (V)
Road resistance R L (
Ω)
Input
Input
Output
Output
GP1L57
0
0
255075
100
1
2
3
4
5
6
7
8
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 1mA
VCE=2V
I F= 2mA
I C= 0.5mA
-25
-25
Fig. 7 Collector Current vs. Ambient temperature
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
VCC
01
2
3
4
1
2
3
4
5
6
7
8
9
10
0
Ta= 25˚C
VCE=2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com