Electronic Components Datasheet Search
  English  ▼

X  

1SS244 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS244
Description  300mW Switching Diode 250 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS244 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS244 Datasheet HTML 1Page - Micro Commercial Components 1SS244 Datasheet HTML 2Page - Micro Commercial Components 1SS244 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS244
300mW
Switching Diode
250 Volts
Features
•
High voltage switching
•
General purpos e rectification
•
VRM=250V guaranteed.
•
High reliability.
•
Silicon epitaxial planar
Absolute maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Peak Reverse Voltage
250
V
VR
DC Reverse Voltage
220
V
IFM
Peak Forward Current
625
mA
IO
Mean Rectifying Current
200
mA
Isurge
Surge Current (1s)
1000
mA
PD
Power Dissipation
300
mW
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VF
Forward Voltage
(IF=200mAdc)
---
1.5
Vdc
IR
Reverse Current
(VR=220Vdc)
---
10
uAdc
CT
Capacitance Between Terminals
(VR=0Vdc, f=1.0MHz)
---
3.0
pF
trr
Reverse Recovery Time
(IR=20mAdc, IF=20mAdc, RL=50OHM)
---
75
ns
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
4





 
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.094
.118
2.40
3.00
B
.063
.079
1.60
2.00
C
.012
.020
0.30
0.50
D
1.102
1.181
28.00
30.00
Revision: A
2011/01/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - 1SS244

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS244 ROHM-1SS244 Datasheet
140Kb / 3P
Switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS244 SEMTECH_ELEC-1SS244 Datasheet
188Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Rohm
1SS244 ROHM-1SS244 Datasheet
124Kb / 3P
Switching diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
logo
Rohm
1SS244 ROHM-1SS244 Datasheet
63Kb / 2P
Switching diode
More results

Similar Description - 1SS244

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS21BPT CHENMKO-BAS21BPT Datasheet
117Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21HPT CHENMKO-BAS21HPT Datasheet
91Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21N1PT CHENMKO-BAS21N1PT Datasheet
88Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21PT CHENMKO-BAS21PT Datasheet
89Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21TPT CHENMKO-BAS21TPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21WPT CHENMKO-BAS21WPT Datasheet
77Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
Rohm
RLZTE-1162B ROHM-RLZTE-1162B Datasheet
820Kb / 4P
300mW Zener Leadless Diode
logo
Taiwan Semiconductor Co...
1S133M TSC-1S133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
Micro Commercial Compon...
BAS116L2 MCC-BAS116L2 Datasheet
535Kb / 3P
300mW Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com