Electronic Components Datasheet Search
  English  ▼

X  

1SS265 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS265
Description  150mW 35 Volt Band Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS265 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS265 Datasheet HTML 1Page - Micro Commercial Components 1SS265 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS265
150mW 35 Volt Band
Switching Diode
Features
•
Low Differential Forward Resistance
•
Low Diode Capacitance
•
High Reverse Impedance
Maximum Ratings
•
Junction Temperature: 150℃
•
Storage Temperature: -55℃ to +150℃
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
35V
Breakdown Voltage
BV
35V
IR=10μA
Average Rectified
Current
IO
100mA
Power Dissipation
Pd
150mW
Junction Ambient
RthJA
350K/W
I=4mm , TL=constant
Maximum
Instantaneous
Forward Voltage
VF
0.85V
IFM = 10mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
100nA
VR=20Volts
Maximum Junction
Capacitance
Ct
1.5pF
Measured at
1.0MHz, VR=6V
Frequency
Resistance
rf
0.6Ω
IF=10mA
f=100MHz
4





 
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.094
.118
2.40
3.00
B
.063
.079
1.60
2.00
C
.012
.020
0.30
0.50
D
1.102
1.181
28.00
30.00
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 2
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - 1SS265

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1SS265 LRC-1SS265 Datasheet
45Kb / 3P
High-speed switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS265 SEMTECH_ELEC-1SS265 Datasheet
116Kb / 1P
HIGH SPEED SWITCHING DIODE
logo
SHENZHEN YONGERJIA INDU...
1SS265 WINNERJOIN-1SS265 Datasheet
90Kb / 2P
Band switching diode
1SS265 WINNERJOIN-1SS265_15 Datasheet
90Kb / 2P
Band switching diode
More results

Similar Description - 1SS265

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com