Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS355
Description  90 Volt Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS355 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS355 Datasheet HTML 1Page - Micro Commercial Components 1SS355 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS355
90 Volt
Switching Diode
Features
•
High speed switching diode
•
Surface Mount
•
For general purpose switching applications
Mechanical Data
•
Marking: A
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Maximum RMS Voltage
VR
63
V
Maximum Recurrent Peak
Reverse Voltage
VRM
90
V
Maximum DC Blocking
VDC
80
V
Maximum Average Forward
Rectified Current
IO
0.1
A
Peak Forward Surge Current
IFSM
0.5
A
Operation/Storage Temp.
Range
Tj,TSTG
-55 to +150
°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Instantaneous
Forward Voltage
VF
1.20V
IFM = 100mA;
TJ = 25
°C
Maximum Average
Reverse Current
IR
0.1uA
VR=80Volts
TJ = 25
°C
Typical Junction
Capacitance
CJ
3.0pF
Measured at
1.0MHz, VR=6.0V
Reverse Recovery Time
Trr
4nS
IF=10mA
VR = 6V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD-323
www.mccsemi .com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 2
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
500mW 100 Volt Silicon Switching Diode
1SS357 MCC-1SS357 Datasheet
196Kb / 2P
45 Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
BAV74 MCC-BAV74 Datasheet
262Kb / 3P
225mW 50 Volt Dual Switching Diode
1SS355 MCC-1SS355_13 Datasheet
208Kb / 2P
90 Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAV70 MCC-BAV70_13 Datasheet
236Kb / 3P
350mW 75 Volt Dual Switching Diode
BAV74 MCC-BAV74_13 Datasheet
314Kb / 3P
225mW 50 Volt Dual Switching Diode
1SS355 MCC-1SS355_17 Datasheet
331Kb / 3P
90 Volt Switching Diode
1SS357 MCC-1SS357_13 Datasheet
381Kb / 3P
45 Volt Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com