Electronic Components Datasheet Search
  English  ▼

X  

GP1S25 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S25
Description  Side Lead Type Ultra-compact Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S25 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S25 Datasheet HTML 1Page - Sharp Corporation GP1S25 Datasheet HTML 2Page - Sharp Corporation GP1S25 Datasheet HTML 3Page - Sharp Corporation GP1S25 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Ta=25 ˚C)
V F
IF = 20mA
IR
V R =3V
ICEO
V CE = 20V
IC
V CE = 5V, IF = 5mA
V CE(sat)
t
t
IF = 10mA, IC=50
µ A
-
1.2
V
--
µ A
--
50
-
µ A
--
V
-
-
RL
µ s
µ s
r
f
VCE = 5V, IC = 100
µ A
= 1 000
Ω
35
35
1.4
10
100
300
0.4
100
100
nA
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Output
Transfer
characteristics
Dark current
Collector current
Collector-emitter saturation voltage
Response time
Rise time
Fall time
GP1S25
- 25
0
25
50
75
100
- 25
0
25
50
75
100
85
85
0
0.5
1
1.5
2
1
2
2.5
3
5
25˚C
0˚C
- 25˚C
50˚C
500
200
100
50
20
10
Ta= 75˚C
Fig. 2 Power dissipation vs. Ambient
Temperature
Forward current IF (mA)
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Forward voltage VF (V)
Fig. 4 Collector Current vs. Forward Current
Forward voltage
Reverse current
Fig. 1 Forward Current vs. Ambient
Temperature
60
50
40
30
20
10
0
120
100
80
60
40
20
0
Fig. 3 Forward Current vs. Forward Voltage
04
8
12
16
20
0
0.4
0.8
1.2
1.6
2.0
VCE =5V
Ta =25˚C
Total power dissipation
Input side power dissipation and
output side collector power dissipation
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com