Electronic Components Datasheet Search
  English  ▼

X  

GP1S27 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S27
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S27 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S27 Datasheet HTML 1Page - Sharp Corporation GP1S27 Datasheet HTML 2Page - Sharp Corporation GP1S27 Datasheet HTML 3Page - Sharp Corporation GP1S27 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
2
5
10
20
50 100
0.1 0.2
0.5
0.05
1
2
5
10
20
50
100
200
0.5
0.3
500
2
5
2
5
2
5
2
5
25
50
75
100
0
0
0
25
50
75
100
0.12
0.30
-25
100
75
50
25
0
0
10
8
6
4
2
010
0
5
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
1
3
5
7
9
1234
6789
0.10
0.08
0.06
0.04
0.02
0.25
0.20
0.15
0.10
0.05
40mA
30mA
20mA
10mA
1.5mA
Fig. 6 Collector Current vs.
Ambient Temperature
Fig. 5 Collector Current vs.
T a= 25˚C
IF = 50mA
Collector-emitter voltage VCE(V)
Fig. 8 Collector Dark Current vs.
Ambient Temperature
Fig. 7 Collector-emitter Saturation Voltage vs.
Ambient Temperature
10 -10
10 -9
10 -8
10 -7
10 -6
RD
RL
td
tr
ts
tf
VCC
L ( k Ω )
tf
tr
td
t s
GP1S27
IF = 1.5mA
VCE =5V
VCE = 20V
IF = 3mA
IC=30 µ A
V CE=5V
IC= 100 µ A
T a= 25˚C
Collector-emitter Voltage
PC(MAX.)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature Ta (˚C)
-25
Fig. 9 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com